Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97516 Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 15Page - Intersil Corporation ISL97516 Datasheet HTML 16Page - Intersil Corporation ISL97516 Datasheet HTML 17Page - Intersil Corporation ISL97516 Datasheet HTML 18Page - Intersil Corporation ISL97516 Datasheet HTML 19Page - Intersil Corporation ISL97516 Datasheet HTML 20Page - Intersil Corporation ISL97516 Datasheet HTML 21Page - Intersil Corporation ISL97516 Datasheet HTML 22Page - Intersil Corporation ISL97516 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
0.1μF
+
D
R
7
6
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+5V
0.1μF
+
D
R
6
7
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+5V
RT
RT
ISL3249xE
ISL3249xE
0.1µF
+
5
8
4
1
7
2
VCC
GND
RO
RE
B
A
+3.3V
0.1µF
+
7
6
8
2
3
4, 5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3282E
ISL3298E
1
VL
1.8V
6
VL
2.5V
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
R
D
0.1µF
+
VCC
GND
+3.3V
0.1µF
+
VCC
GND
+3.3V
ISL32177E
ISL32179E
VL
1.8V
VL
2.5V
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
R
RT
D
R
RT
D
R
RT
D
R
RT
D
3.3V to 5.0V - Rx Only or Tx Only
Device
Function
Data Rate (Mbps)
Rx Enable Type
ISL32177E
4 Rx
80
Individual and group enables
ISL32273E
4 Rx
20
EN, EN
ISL32277E
4 Rx
20
Individual and group enables
ISL32172E
4 Tx
32
EN, EN
ISL32372E
4 Tx
0.46
EN, EN
ISL32179E
4 Tx
32, 10, 0.46
Individual and group enables
21
5V
8
5V
9
5V 20
0V
26
3
26
3
27
28
VCC1
5V
120Ω
4
485 RX OUT
23
RS-485 INTERFACE
485 TX EN
5
6
7
14
24
485 TX IN
22
15
13
21
485 RX OUT
18
5V
485 TX EN
12
11
10
9
8
14
17
485 TX IN
19
5V
20
15
120Ω
5V
0V
11
232 TX IN
19
4
24
232 RX OUT
12
16
232 RX OUT
7
232 TX IN
23
RS-232 INTERFACE
10
232 TX IN
18
5
25
232 RX OUT
13
17
232 RX OUT
6
232 TX IN
22
1
2
2
1
28
27
VCC2
5V
ISL81334
ISL81334
Multi-Protocol - RS-232 and RS-485
Device
Supported
Protocols
# of
Ports # of Tx/Rx per Port
Data Rate
RS-485/RS-232
(Mbps)
VCC
(V)
Package
ISL41334
RS-232, RS-
422, RS-485
2
1/1 RS-485, RS-422;
2/2 RS-232
20, 0.46,
0.115/0.5
5
40 Ld QFN
ISL3333
3.3
ISL41387
RS-232, RS-
422, RS-485
1
1/1 RS-485, RS-422;
2/2 RS-232
20, 0.46,
0.115/0.5
5
40 Ld QFN
ISL3331
3.3
ISL81334
RS-232, RS-
422, RS-485
2
1/1 RS-485, RS-422;
2/2 RS-232
20/0.5
5
28 Ld SOIC,
28 Ld SSOP
ISL3332
3.3
ISL81387
RS-232, RS-
422, RS-485
1
1/1 RS-485, RS-422;
2/2 RS-232
20, 0.46/0.5
5
20 Ld SOIC,
20 Ld SSOP
ISL3330
3.3
5V, RS-485/RS-422 Transceivers
Single Tx and Rx RS-485/422
Dual Protocol Transceivers
I2C Buffers
Voltage Level Translators
Quad Tx and Rx RS-485/422
OVP RS-485
IEC61000 ESD Protection; 16.5kV
Air Gap and 9kV Contact Discharge
IEC61000 ESD Protection;
±7kV Contact Discharge
3.3V to 5.0V - Rx Only or Tx Only
Device
# of Tx / # of Rx
Devices Allowed
on Bus
Hot
Plug
Data Rate
(Mbps)
VCC Range
(+V)
Package
ISL3280E
1 Rx
256
No
20
3.0 to 5.5 5 Ld SOT-23
ISL3282E
1 Rx with VL Pin
256
No
20
3.0 to 5.5 8 Ld TDFN
ISL3283E
1 Rx
256
No
20
3.0 to 5.5 6 Ld SOT-23
ISL3296E
1 Tx with VL Pin
256
Yes
0.25
3.0 to 5.5 8 Ld TDFN
ISL3297E
1 Tx with VL Pin
256
Yes
0.5
3.0 to 5.5 8 Ld TDFN
ISL3298E
1 Tx with VL Pin
256
Yes
20
3.0 to 5.5 8 Ld TDFN
Rx
Tx
IEC61000 ESD Protection; 16.5kV Air
Gap and 8kV Contact Discharge
15kV HBM ESD Protection
on All Bus Pins
±60V Fault Protected
±25V Common Mode Range
Rx
Tx
Device
Half/
Full
Duplex
Data
Rate
(Mbps)
Half/Full
Duplex
EN
Pins?
Hot
Plug?
Quiescent
ICC (mA)
Low
Power
SHDN?
Pin
Count
ISL32490E
Full
0.25
Yes
Yes
Yes
2.3
Yes
10, 14
ISL32492E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL32493E
Full
1
Yes
Yes
Yes
2.3
Yes
10, 14
ISL32495E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL32498E
Half
15
No
Yes
Yes
2.3
Yes
8
Intersil Signal Path Products  2012  www.intersil.com
19
► Other Interface Products
GND
SDA
SCL
+3.3V
VCC2
µC
BACK
PLANE
ISL33003
EN
VCC1
+5.0V
DEVICE
SDA
SCL
I2C
DEVICE
A
B
I2C
Device
Level
Translation
EN Pin
Ready Pin
Accelerator
Disable
ISL33001
No
Yes
Yes
No
ISL33002
Yes
No
No
Yes
ISL33003
Yes
Yes
No
No
VL
VCC
I/OVL
I/OVL
ISL3035E
CLK_RET
I/OVL
I/OVL
I/OVL
GND
I/OVCC
I/OVCC
I/OVCC
I/OVCC
I/OVCC
CLK_VLCLK_VCC
DAT3
DAT2
DAT1
DAT0
CMD
CLOCK
GND
GND
+3.3V
SD CARD
DAT3
DAT2
CLOCK_IN
DAT1
DAT0
CMD
CLOCK
+1.8V
SYSTEM
CONTROLLER
0.1µF
0.1µF
+1.8V
1µF
+3.3V
Device
Data Rate
(Mbps)
Number Of
Channels
EN Pin
I/OVLSHDN
State
I/OVCC SHDN
State
ISL3034E
100
6
YES
16.5kΩ to VL
16.5kΩ to VCC
ISL3035E
100
6
NO
75kΩ to VL
High Impedance
ISL3036E
100
4
YES
16.5kΩ to VL
16.5kΩ to VCC
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com