Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97516 Datasheet(PDF) 35 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 35 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 31Page - Intersil Corporation ISL97516 Datasheet HTML 32Page - Intersil Corporation ISL97516 Datasheet HTML 33Page - Intersil Corporation ISL97516 Datasheet HTML 34Page - Intersil Corporation ISL97516 Datasheet HTML 35Page - Intersil Corporation ISL97516 Datasheet HTML 36Page - Intersil Corporation ISL97516 Datasheet HTML 37Page - Intersil Corporation ISL97516 Datasheet HTML 38Page - Intersil Corporation ISL97516 Datasheet HTML 39Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
35
1mA
450µA
10
5V
ISL28191/291
ISL28190/290
1
1.7
11mA
ISL28127/227
2.5
ISL28117/217/417
8
250µA
ISL28107/207/407
13
15
ISL28136/236
40V
40V
5V
5V
Supply Current
ISL28110/210
ISL28134
40V
ISL28118/218 40V
40V
5V
ISL28177
40V
PR40 Products
Key Specifications
• Low Frequency Noise (0.1 to 10Hz)
• Wideband Voltage Noise (@ 1kHz)
• Wideband Current Noise (@ 1kHz)
• THD+N (in dB or %)
It is critical to have an amplifier having very low
background noise when the desired signal is weak or
absent. Intersil’s high voltage low noise op amps are
developed on dielectrically isolated PR40 to offer low
noise and improved THD.
Intersil offers wide range of low power amplifiers from
lowest ‘nano-power’ to ‘high performance’ amplifiers
depending on the application need.
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos Max
@ 25°C
Vos
Max
Temp
TCVos
Typ
Ib Max
@ 25°C
CMRR
min @
25°C
PSRR
min @
25°C
Av min
@ 25°C
Is Max
@ 25°C GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Single
Dual
Min Max
In
Out
µV
µV
µV/°C
nA
dB
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
fA/√Hz
ISL28190
ISL28290
3
5.5 Single Supply Yes
700
900
1.9
16,000
78
74
94
11
170
50
1
2,100
ISL28191
ISL28291
3
5.5 Single Supply Yes
630
840
3.1
6,000
78
74
99
3.5
61
17
1.7
1,800
ISL28127
ISL28227
4.5
40
No
No
70
120
0.1
10
115
115
120
2.8
10
3.6
0.085
2.5
400
ISL28118
ISL28218
3
40
Single Supply Yes
230
290
0.3
575
103
109
124.7
1.1
4
1.2
0.300
5.6
355
ISL28110
ISL28210
9
40
No
No
300
1300
1
0.002
88
102
104
2.9
12.5
23
0.600
6
9
ISL28117B ISL28217B 4.5
40
No
No
50
110
0.14
1
120
120
129.5
0.53
1.5
0.5
0.250
8
100
ISL28117C ISL28217C 4.5
40
No
No
100
190
0.14
1
120
120
129.5
0.53
1.5
0.5
0.250
8
100
ISL28134
2.25
6
Yes
Yes
2.5
3.4
0.0005
0.3
120
120
174
0.900
3.5
1.5
0.25
10
200
ISL28177
4.5
40
No
No
150
350
0.5
1
120
115
120
1.4
0.6
0.2
0.38
9.5
87
ISL28107
ISL28207
4.5
40
No
No
75
140
0.1
0.3
115
115
129.5
0.29
1
0.32
0.340
13
53
Part Number
Supply Voltage
(V)
Rail-To-Rail
Vos Max
@ 25°C
TCVos
Typ
Ib Max
@ 25°C
CMRR min
@ 25°C
PSRR min
@ 25°C
Av min
@ 25°C
Is Max @
25°C
GBW
Slew
Rate
Enable
Single
Dual
Quad
Min
Max
In
Out
mV
µV/°C
nA
dB
dB
dB
µA
MHz
V/µs
ISL28194
1.8
5.5
Yes
Yes
2
1.5
0.08
70
70
97.5
0.45
0.0035
0.0012
Yes
ISL28130*
ISL28230*
ISL28430*
1.65
5.5
Yes
Yes
0.04
0.02
0.25
110
105
150
25
0.4
0.2
No
ISL28133*
ISL28233*
ISL28433*
1.65
5.5
Yes
Yes
0.006
0.05
0.18
118
110
175
25
0.4
0.2
No
ISL28158
ISL28258
2.4
5.5
Yes
Yes
0.3
0.3
0.03
75
80
100
43
0.2
0.1
Yes
EL8176
2.4
5.5
Yes
Yes
0.1
2.4
2
90
90
106
75
0.4
0.13
Yes
ISL28176
ISL28276
ISL28476
2.4
5.5
Yes
Yes
0.1
0.5
2
90
90
106
75
0.4
0.13
No
ISL28288 (EN) ISL28488
2.4
5.5
Yes
Yes
1.5
0.9
0.03
80
85
106
78
0.3
0.14
VS = 1.8V to 5.5V
Enable
ISL28194
+
-
100kΩ
• Low Offset Voltage
VOS = 2mV (Max)
• Ultra-Low Single
Supply Operation
• Supports a 2-cell
alkaline input
Draws only
2nA when
not in use.
ISS
330nA (Typ)
Key Specifications
• Quiescent or Supply Current (Is)
• Enable / Disable (Turn off amplifier to save power)
• Low Operating Voltages
* Some specifications will differ, please check data sheet for actual parameters and/or conditions
Low Noise Precision Op Amps
Low Power Precision Op Amps
Precision Amps by Lowest Noise
Nano-Power
► Low Noise
► LowPower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com