Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97516 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 14Page - Intersil Corporation ISL97516 Datasheet HTML 15Page - Intersil Corporation ISL97516 Datasheet HTML 16Page - Intersil Corporation ISL97516 Datasheet HTML 17Page - Intersil Corporation ISL97516 Datasheet HTML 18Page - Intersil Corporation ISL97516 Datasheet HTML 19Page - Intersil Corporation ISL97516 Datasheet HTML 20Page - Intersil Corporation ISL97516 Datasheet HTML 21Page - Intersil Corporation ISL97516 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
Intersil Signal Path Products  2012  www.intersil.com
► RS-485/422
RS-485/RS-422 Transceivers : ISL315xE, ISL317xE
50%
Small
er
8 Ld SOIC
8 Ld MSOP
Provides enhanced noise immunity
and can drive longer cable lengths
or more cable terminations.
60% Higher Output Voltage (ISL315xE)
1
1.5
2
2.5
RS-485
Standard
Intersil’s
ISL315xE
Output Voltage (V)
2.4V
1.5V
Enhanced Noise Immunity
Space-saving Small Package
Typical Operating Circuit
Transceiver Family
with the Highest Noise
Immunity and ESD
Protection in Small
Packages
Key Features
• 60% Higher Output
Voltage. 2.4V min vs.
typical 1.5V min
• IEC61000 ESD Protected
I/O Pins
• True 1/8 Unit Load
Applications
• Electronic Utility Meter
Reading Systems,
E-meter
• Industrial Air
Conditioning Systems
• PROFIBUS and Factory
Automation
+3.3V (ISL317xE)
+5V (ISL315xE)
+3.3V (ISL317xE)
+5V (ISL315xE)
ISL315xE
ISL317xE
ISL315xE
ISL317xE
IEC61000-4-2 ESD Protection
±15kV Airgap discharge, ±8kV contact
discharge (half-duplex versions).
3.3V or 5V Operation
Full Fail-Safe Rx
Predictable performance
when bus faults occur.
Fractional Unit Load Rx
Allows up to 256 devices on
the bus without expensive
repeaters.
Hot Plug Capability
Prevents data corruption
during power-up on an
active bus.
Device
Devices Al-
lowed on Bus
Half/Full
Duplex
Hot Plug
Data Rate
(Mbps)
Slew Rate
Limited
Tx/Rx
Enable
IS EN/DIS (µA)
SHDN ICC
(µA)
VCC Range
(+V)
Package
5.5V, Fractional UL, 15kV ESD, Full Failsafe
ISL3150E
256
Full
Yes
0.115
Yes
Yes
800/700
0.07
4.5 to 5.5
10 Ld MSOP, 14 Ld SOIC
ISL3152E
256
Half
Yes
0.115
Yes
Yes
800/700
0.07
4.5 to 5.5
8 Ld MSOP, 8 Ld PDIP, 8 Ld SOIC
ISL3153E
256
Full
Yes
1
Yes
Yes
800/700
0.07
4.5 to 5.5
10 Ld MSOP, 14 Ld SOIC
ISL3155E
256
Half
Yes
1
Yes
Yes
800/700
0.07
4.5 to 5.5
8 Ld MSOP, 8 Ld SOIC
ISL3156E
256
Full
Yes
20
No
Yes
800/700
0.07
4.5 to 5.5
10 Ld MSOP, 14 Ld SOIC
ISL3158E
256
Half
Yes
20
No
Yes
800/700
0.07
4.5 to 5.5
8 Ld MSOP, 8 Ld SOIC
3.3V, Fractional UL, 15kV ESD, Full Failsafe
ISL3170E
256
Full
Yes
0.25
Yes
Yes
510/480
0.01
3.0 to 3.6
10 Ld MSOP, 14 Ld SOIC
ISL3172E
256
Half
Yes
0.25
Yes
Yes
510/480
0.01
3.0 to 3.6
8 Ld MSOP, 8 Ld SOIC
ISL3173E
256
Full
Yes
0.5
Yes
Yes
510/480
0.01
3.0 to 3.6
10 Ld MSOP, 14 Ld SOIC
ISL3175E
256
Half
Yes
0.5
Yes
Yes
510/480
0.01
3.0 to 3.6
8 Ld MSOP, 8 Ld SOIC
ISL3176E
256
Full
Yes
20
No
Yes
510/480
0.01
3.0 to 3.6
10 Ld MSOP, 14 Ld SOIC
ISL3178E
256
Half
Yes
20
No
Yes
510/480
0.01
3.0 to 3.6
8 Ld MSOP, 8 Ld SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com