Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97516 Datasheet(PDF) 37 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 37 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 33Page - Intersil Corporation ISL97516 Datasheet HTML 34Page - Intersil Corporation ISL97516 Datasheet HTML 35Page - Intersil Corporation ISL97516 Datasheet HTML 36Page - Intersil Corporation ISL97516 Datasheet HTML 37Page - Intersil Corporation ISL97516 Datasheet HTML 38Page - Intersil Corporation ISL97516 Datasheet HTML 39Page - Intersil Corporation ISL97516 Datasheet HTML 40Page - Intersil Corporation ISL97516 Datasheet HTML 41Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
37
Precision Instrumentation Amplifiers
The ISL28617 is a high performance,
differential input, differential output
instrumentation amplifier designed for
precision analog to digital applications. It can
operate over a supply range of 8V (±4V) to 40V
(±20V) and features a differential input voltage
range up to ±34V. The output stage has rail-
to-rail output drive capability optimized for
differential ADC driver applications.
Instrumentation Amplifiers: ISL28617
Instrumentation Amplifiers: EL817x, ISL2827x
40V Precision
Instrumentation
Amplifier with
Differential ADC
Driver
Micro-power
Instrumentation Amps
► High Voltage Instrumentation Amplifier
► Low Voltage, Low Power Instrumentation Amplifier
Very Low Input Noise
Low Supply Current
Excellent CMRR
Excellent CMRR
CMRR RF = 121k
0
20
40
60
80
100
120
140
FREQUENCY(Hz)
1
10
100
1k
10k
100k
1M
AV = 0.1
AV = 100
AV = 1000
AV = 10
AV = 1
E
S
I
O
N
T
N
E
R
R
U
C
D
N
A
E
G
A
T
L
O
V
T
U
P
N
I
1pA
1nV
10nV
1000nV
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
100nV
0.1pA
0.01pA
eN
iN
RIN
+RIN
-RIN
IN+
+RINSENSE
-RINSENSE
IN-
+RFB
-RFB
+RFBSENSE
-RFBSENSE
VCC
VCO
GND
VEE
VEO
RFB
+VOUT
-VOUT
VCMO
VREF
+5V
+5V
TO
+20V
-5V
TO
-20V
ISL28617
A-D
R
C
BRIDGE
VDD
GND
R
-VFB
+VFB
CONVERTER
EXCITATION
FULL BRIDGE STRAIN GAUGE AMPLIFIER AND DIFFERENTIAL ADC DRIVER
+IN
-IN
ISL26132
VREF
ISL21090
AV = RFB/RIN RANGE FROM 0.1 TO 10,000
Part
Number
Supply
Voltage (V)
Rail-To-Rail
Min
Gain
(V/V)
Vos
Max @
25°C
TCVos
Typ
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Gain
Error
Typ
Isc
Typ
Is Max
@
25°C
-3dB
BW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise
@
1kHz
Current
Noise @
1kHz
Temp
Range
Min
Max
In
Out
mV
µV/°C
nA
dB
dB
%
mA
mA
MHz
V/µs
µVpp nV/√Hz fA/√Hz
°C
ISL28617
8
40
No
Yes
0.1
0.1
0.5
1
130
123
0.0005
45
4.8
4
4
0.085
8.6
150
-40 to 125
Part
Number
Supply
Voltage (V)
Rail-To-
Rail
Min
Gain
(V/V)
Vos
Max
@
25°C
TCVos
Typ
Ib
Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Gain
Error
Typ
Isc
Typ
Is Max
@
25°C
-3dB
BW
@
Lowest
Gain
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Temp
Range
Package
Single
Min Max In
Out
mV
µV/°C
nA
dB
dB
%
mA
µA
kHz
V/µs µVpp nV/√Hz fA/√Hz
°C
8-SOIC 16-QSOP
EL8170
2.4
5
Yes Yes 100
0.2
0.24
3
90
85
0.35
26
95
450
0.55
3.5
58
380
-40 to 125 Single
EL8171
2.4
5
Yes Yes
10
1.5
1.5
0.05
75
75
0.15
26
95
450
0.55
14
220
900
-40 to 125 Single
EL8172
2.4
5
Yes Yes 100
0.3
0.14
0.05
75
75
0.2
26
95
170
0.55
10
80
200
-40 to 125 Single
EL8173
2.4
5
Yes Yes
10
1
2.5
3
85
75
0.1
26
95
170
0.55
3.6
220
800
-40 to 125 Single
ISL28270 2.4
5
Yes Yes 100
0.15
0.7
2
90
90
0.5
29
156
0.24
0.5
3.5
60
370
-40 to 125
Dual
ISL28271 2.4
5
Yes Yes
10
0.6
0.7
0.03
80
80
0.081 26
156
0.18
0.5
10
240
920
-40 to 125
Dual
ISL28272 2.4
5
Yes Yes 100
0.5
0.7
0.03
80
80
0.19
26
156
0.1
0.5
6
78
200
-40 to 125
Dual
ISL28273 2.4
5
Yes Yes
10
0.6
0.7
2.5
85
80
0.12
29
156
0.265
0.6
3.5
210
750
-40 to 125
Dual
Key Features
• Extremely Low Supply Currents
- <156μA Max. Supply Current
• Single Supply 2.4V to 5.0V Operation
• Rail-to-rail Input and Output (RRIO)
- Operate above and below the rails
- Ground sensing option
EL8170 SUPPLY CURRENT vs TEMPERATURE, V+, V- = ±2.5V, VIN = 0V
40
45
50
55
60
65
70
75
80
85
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 2000
EL8170 CMRR vs TEMPERATURE, VCM = +2.5V TO -2.5V, V+, V- = ±2.5V
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
80
90
100
110
120
130
140
MIN
MAX
N = 2000
MEDIAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com