Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 52Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 53Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 54Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 55Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 56Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 57Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 58Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 59Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
56/103
Doc ID 14733 Rev 12
Figure 12.
fCPUmax versus VDD
10.3.1
VCAP external capacitor
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in Table 18. Care should be taken to limit the series inductance
to less than 15 nH.
Figure 13.
External capacitor CEXT
1.
Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance.
Table 19.
Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
2(1)
1.
Guaranteed by design, not tested in production.
∞
µs/V
VDD fall time rate
2(1)
∞
tTEMP
Reset release
delay
VDD rising
1.7(1)
ms
VIT+
Power-on reset
threshold
2.65
2.8
2.95
V
VIT-
Brown-out reset
threshold
2.58
2.73
2.88
V
VHYS(BOR)
Brown-out reset
hysteresis
70
mV
fCPU [MHz]
SUPPLY VOLTAGE [V]
24
12
8
4
0
2.95
4.0
5.0
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
@ TA -40 to 125 °C
NOT GUARANTEED
IN THIS AREA
16
5.5
FUNCTIONALITY GUARANTEED
@ TA -40 to 105 °C
C
Rleak
ESR
ESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com