Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 27Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 28Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 29Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 30Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 31Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 32Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 33Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 34Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
STM8S207xx, STM8S208xx
Pinouts and pin description
Doc ID 14733 Rev 12
31/103
54 45
-
-
-
PG2
I/O X
XO1
X
X
Port G2
55 46
-
-
-
PG3
I/O X
XO1
X
X
Port G3
56 47
-
-
-
PG4
I/O X
XO1
X
X
Port G4
57 48
-
-
-
PI0
I/O X
XO1
X
X
Port I0
58
--
--
PI1
I/O X
XO1
X
X
Port I1
59
--
--
PI2
I/O X
XO1
X
X
Port I2
60
--
--
PI3
I/O X
XO1
X
X
Port I3
61
--
--
PI4
I/O X
XO1
X
X
Port I4
62
--
--
PI5
I/O X
XO1
X
X
Port I5
63 49
-
-
-
PG5
I/O X
XO1
X
X
Port G5
64 50
-
-
-
PG6
I/O X
XO1
X
X
Port G6
65 51
-
-
-
PG7
I/O X
XO1
X
X
Port G7
66 52
-
-
-
PE4
I/O X
XX
O1
X
X
Port E4
67 53 37
-
-
PE3/TIM1_BKIN
I/O X
XX
O1
X
X
Port E3
Timer 1 -
break input
68 54 38 34
-
PE2/I2C_SDA
I/O X
XO1 T(3)
Port E2 I2C data
69 55 39 35
-
PE1/I2C_SCL
I/O X
XO1 T(3)
Port E1 I2C clock
70 56 40 36
-
PE0/CLK_CCO
I/O X
XX
HS O3
X
X
Port E0
Configurable
clock output
71
--
--
PI6
I/O X
XO1
X
X
Port I6
72
--
--
PI7
I/O X
XO1
X
X
Port I7
73 57 41 37 25 PD0/TIM3_CH2
I/O X
XX
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
74 58 42 38 26 PD1/SWIM(4)
I/O X
X
XHS O4
X
X
Port D1
SWIM data
interface
75 59 43 39 27 PD2/TIM3_CH1
I/O X
XX
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
76 60 44 40 28 PD3/TIM2_CH2
I/O X
XX
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
77 61 45 41 29
PD4/TIM2_CH1/B
EEP
I/O X
XX
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP output
[AFR7]
78 62 46 42 30 PD5/ UART3_TX
I/O X
XX
O1
X
X
Port D5
UART3 data
transmit
Table 6.
Pin description (continued)
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com