Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 25Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 26Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 27Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 28Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 29Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 30Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 31Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Pinouts and pin description
STM8S207xx, STM8S208xx
28/103
Doc ID 14733 Rev 12
Table 5.
Legend/abbreviations for pinout table
Type
I= Input, O = Output, S = Power supply
Level
Input
CM = CMOS
Output
HS = High sink
Output speed
O1 = Slow (up to 2 MHz)
O2 = Fast (up to 10 MHz)
O3 = Fast/slow programmability with slow as default state after reset
O4 = Fast/slow programmability with fast as default state after reset
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = True open drain, OD = Open drain, PP = Push pull
Reset state
Bold X (pin state after internal reset release)
Unless otherwise specified, the pin state is the same during the reset phase and
after the internal reset release.
Table 6.
Pin description
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]
1
111
1 NRST
I/O
X
Reset
2
2
2
2
2 PA1/OSCIN
I/O X
XO1
X
X
Port A1
Resonator/
crystal in
3
3
3
3
3 PA2/OSCOUT
I/O X
XX
O1
X
X
Port A2
Resonator/
crystal out
4
444
-
VSSIO_1
S
I/O ground
5
555
4 VSS
S
Digital ground
6
6
6
6
5 VCAP
S
1.8 V regulator capacitor
7
777
6 VDD
S
Digital power supply
8
888
7 VDDIO_1
S
I/O power supply
9
9
9
-
-
PA3/TIM2_CH3
I/O X
XX
O1
X
X
Port A3
Timer 2 -
channel3
TIM3_CH1
[AFR1]
10 10 10
9
-
PA4/UART1_RX(1) I/O X
XX
HS O3
X
X
Port A4 UART1 receive
11 11 11 10
-
PA5/UART1_TX
I/O X
XX
HS O3
X
X
Port A5
UART1
transmit
12 12 12 11
-
PA6/UART1_CK
I/O X
XX
HS O3
X
X
Port A6
UART1
synchronous
clock
13
--
--
PH0
I/O X
XHS O3
X
X
Port H0
14
--
--
PH1
I/O X
XHS O3
X
X
Port H1
15
--
--
PH2
I/O X
XO1
X
X
Port H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com