Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 19Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 20Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 21Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 22Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 23Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 25Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 26Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
STM8S207xx, STM8S208xx
Pinouts and pin description
Doc ID 14733 Rev 12
23/103
5
Pinouts and pin description
5.1
Package pinouts
Figure 3.
LQFP 80-pin pinout
1.
(HS) high sink capability.
2.
(T) True open drain (P-buffer and protection diode to VDD not implemented).
3.
[ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
4.
CAN_RX and CAN_TX is available on STM8S208xx devices only.
2
1
3
4
5
6
7
8
10
9
12
14
16
18
20
11
15
13
17
19
57
58
56
55
54
53
52
51
49
50
47
45
43
41
48
44
46
42
60
59
PI3
PI2
PI1
PC4 (HS)/TIM1_CH4
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
PI0
PG4
PG3
PG2
PC7 (HS)/SPI_MISO
VSSIO_2
VDDIO_1
[TIM3_CH1] TIM2_CH3/PA3
UART1_RX/ (HS) PA4
UART1_TX/ (HS) PA5
AIN12/PF4
VSSIO_1
VSS
VCAP
VDD
UART1_CK/ (HS) PA6
(HS) PH0
(
HS) PH1
PH2
PH3
AIN15/PF7
AIN14/PF6
AIN13/PF5
NRST
OSCIN/PA1
OSCOUT/PA2
PC5 (HS)/SPI_SCK
PC6 (HS)/SPI_MOSI
PG0/CAN_TX
PG1/CAN_RX
PC0/ADC_ETR
PE5/SPI_NSS
VDDIO_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com