Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 57Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 58Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 59Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 60Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 61Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 62Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 63Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 64Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 12
61/103
Total current consumption in halt mode
Low power mode wakeup times
Table 26.
Total current consumption in halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max at 85 °C Max at 125 °C
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode, HSI
clock after wakeup
63.5
µA
Flash in powerdown mode, HSI
clock after wakeup
6.5
35
100
Table 27.
Total current consumption in halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Unit
IDD(H)
Supply current in halt mode
Flash in operating mode, HSI clock after
wakeup
61.5
µA
Flash in powerdown mode, HSI clock after
wakeup
4.5
Table 28.
Wakeup times
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tWU(WFI)
Wakeup time from wait
mode to run mode(3)
See
note(2)
µs
fCPU = fMASTER = 16 MHz.
0.56
tWU(AH)
Wakeup time active halt
mode to run mode.(3)
MVR voltage
regulator on(4)
Flash in operating
mode(5)
HSI (after
wakeup)
1(6)
2(6)
Flash in powerdown
mode(5)
3(6)
MVR voltage
regulator off(4)
Flash in operating
mode(5)
48(6)
Flash in powerdown
mode(5)
50(6)
tWU(H)
Wakeup time from halt
mode to run mode(3)
Flash in operating mode(5)
52
Flash in powerdown mode(5)
54
1.
Data guaranteed by design, not tested in production.
2.
tWU(WFI) = 2 x 1/fmaster + 7 x 1/fCPU
3.
Measured from interrupt event to interrupt vector fetch.
4.
Configured by the REGAH bit in the CLK_ICKR register.
5.
Configured by the AHALT bit in the FLASH_CR1 register.
6.
Plus 1 LSI clock depending on synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com