Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3017Q Datasheet(PDF) 38 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 38 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 34Page - Sony Corporation CXD3017Q Datasheet HTML 35Page - Sony Corporation CXD3017Q Datasheet HTML 36Page - Sony Corporation CXD3017Q Datasheet HTML 37Page - Sony Corporation CXD3017Q Datasheet HTML 38Page - Sony Corporation CXD3017Q Datasheet HTML 39Page - Sony Corporation CXD3017Q Datasheet HTML 40Page - Sony Corporation CXD3017Q Datasheet HTML 41Page - Sony Corporation CXD3017Q Datasheet HTML 42Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
– 38 –
CXD3017Q
The attenuation data consists of 11 bits, and is set as follows.
Attenuation data
400h
3FEh
3FDh
:
001h
000h
0dB
–0.0085dB
–0.0170dB
–60.206dB
–
∞
Audio output
Command bit
EMPH = 1
EMPH = 0
De-emphasis is on.
De-emphasis is off.
Processing
∗ If either the EMPHI pin or EMPH is high, de-emphasis is on.
∗ If either the SMUT pin or SMUT is high, soft mute is on.
Command bit
SMUT = 1
SMUT = 0
Soft mute is on.
Soft mute is off.
Processing
Command bit
AD10 to 0
Attenuation data.
Meaning
Command bit
Mute = 1
Mute = 0
CD-DSP block mute is on. 0 data is output from the CD-DSP block.
CD-DSP block mute is off.
Processing
Command bit
ATT = 1
ATT = 0
CD-DSP block output is attenuated (–12dB).
CD-DSP block output attenuation is off.
Processing
Command bit
OPSL2 = 1
OPSL2 = 0
FMUT, LRWO, BSBST and BBSL can be set.
FMUT, LRWO, BSBST and BBSL cannot be set.
Meaning
The attenuation data (AD10 to AD0) consists of 11bits,
and can be set in 1024 different ways in the range of 000h
to 400h.
The audio output from 001h to 400h is obtained using the
following equation.
Audio output = 20log
[dB]
Attenuation data
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com