Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3017Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 1 Page - Sony Corporation

  CXD3017Q Datasheet HTML 1Page - Sony Corporation CXD3017Q Datasheet HTML 2Page - Sony Corporation CXD3017Q Datasheet HTML 3Page - Sony Corporation CXD3017Q Datasheet HTML 4Page - Sony Corporation CXD3017Q Datasheet HTML 5Page - Sony Corporation CXD3017Q Datasheet HTML 6Page - Sony Corporation CXD3017Q Datasheet HTML 7Page - Sony Corporation CXD3017Q Datasheet HTML 8Page - Sony Corporation CXD3017Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
CXD3017Q
CD Digital Signal Processor with Built-in Digital Servo and DAC
Description
The CXD3017Q is a digital signal processor LSI for
CD players. This LSI incorporates a digital servo,
digital filter, zero detection circuit, 1-bit DAC and
analog low-pass filter.
Features
Digital Signal Processor (DSP) Block
• 1
×, 2×, 4× speed playback supported
• 16K-RAM
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• SEC strategy-based error correction
• Subcode demodulation and Sub Q data error
detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Digital audio interface outputs
• Digital level meter, peak meter
• CD TEXT data demodulation
Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment function
• Surf jump function supporting micro two-axis
• Tracking filter: 6 stages, focus filter: 5 stages
Digital Filter, DAC and Analog Low-pass Filter Blocks
• DBB (digital bass boost) function
• Double-speed playback supported
• Digital de-emphasis
• Digital attenuation
• 8Fs oversampling filter
Applications
CD players
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.5 to +4.6
V
• Input voltage
VI
–0.5 to +4.6
V
(VSS – 0.5V to VDD + 0.5V)
• Output voltage
VO
–0.5 to +4.6
V
(VSS – 0.5V to VDD + 0.5V)
• Storage temperature Tstg
–55 to +150
°C
• Supply voltage difference
VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Note) AVDD includes XVDD and AVSS includes XVSS.
Recommended Operating Conditions
• Supply voltage
VDD
2.7 to 3.6
V
• Operating temperature
Topr
–20 to +75
°C
I/O Capacitance
• Input pin
CI
9 (Max.)
pF
• Output pin
CO
11 (Max.)
pF
• I/O pin
CI/O
11 (Max.)
pF
Note) Measurement conditions VDD = VI = 0V
fM = 1MHz
– 1 –
E99Y24-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
80 pin LQFP (Plastic)
Playback
speed
CD-DSP block
DAC block
4
×
2.7 to 3.6
2
×
2.7 to 3.6
2.7 to 3.6
1
×
2.7 to 3.6
2.7 to 3.6
VDD [V]


Similar Part No. - CXD3017Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD3017Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com