Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3017Q Datasheet(PDF) 99 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 99 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 95Page - Sony Corporation CXD3017Q Datasheet HTML 96Page - Sony Corporation CXD3017Q Datasheet HTML 97Page - Sony Corporation CXD3017Q Datasheet HTML 98Page - Sony Corporation CXD3017Q Datasheet HTML 99Page - Sony Corporation CXD3017Q Datasheet HTML 100Page - Sony Corporation CXD3017Q Datasheet HTML 101Page - Sony Corporation CXD3017Q Datasheet HTML 102Page - Sony Corporation CXD3017Q Datasheet HTML 103Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 117 page
background image
– 99 –
CXD3017Q
$3C (preset: $3C 00 80)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COSS COTS CETZ CETF COT2 COT1 MOT2
0
BTS1 BTS0 MRC1 MRC0
0
0
0
0
COSS, COTS: These select the TZC signal used when generating the COUT signal.
STZC is the TZC generated by sampling the TE signal at 700kHz. (when MCK = 128Fs)
DTZC is the delayed phase STZC. (The delay time can be selected by D14 of $36.)
HPTZC is the fast phase TZC passed through a HPF with a cut-off frequency of 1kHz.
See §4-13.
CETZ:
Normally, the input from the TE pin enters the TRK filter and is used to generate the TZC
signal. However, the input from the CE pin can also be used. This function is for the center
error servo.
When 0, the TZC signal is generated by using the signal input to the TE pin.
When 1, the TZC signal is generated by using the signal input to the CE pin.
CETF:
When 0, the signal input to the TE pin is input to the TRK servo filter.
When 1, the signal input to the CE pin is input to the TRK servo filter.
These commands output the TZC signal.
COT2, COT1: The COUT signal is replaced by the TZC signal. Concretely, the TZC signal is output from the
COUT pin and the TZC signal is used for auto sequence instead of the COUT signal.
COSS
1
0
0
—
0
1
STZC
HPTZC
DTZC
COTS
TZC
∗: preset, —: don't care
∗
BTS1
0
0
1
1
0
1
0
1
1
2
4
8
BTS0
Number of count-up steps per cycle
MRC1
0
0
1
1
0
1
0
1
5.669 ∗
11.338
22.675
45.351
MRC0
Setting time [µs]
∗: preset (when MCK = 128Fs)
∗
MOT2:
The MIRR signal is replaced by the STZC signal. Concretely, the STZC signal is output from
the MIRR pin and the STZC signal is used for generating the COUT signal instead of the MIRR
signal.
These commands set the MIRR signal generation circuit.
BTS1, BTS0:
These set the count-up speed for the bottom hold value of the MIRR generation circuit.
The time per step is approximately 708ns (when MCK = 128Fs). The preset value is BTS1 = 1,
BTS0 = 0 like the CXD2586R. These bits are valid only when BTF of $3B is 0.
MRC1, MRC0: These set the minimum pulse width for masking the MIRR signal of the MIRR generation circuit.
As noted in §4-9, the MIRR signal is generated by comparing the waveform obtained by
subtracting the bottom hold value from the peak hold value with the MIRR comparator level.
Strictly speaking, however, for MIRR to become high, these levels must be compared
continuously for a certain time. These bits set that time.
The preset value is MRC1 = 0, MRC0 = 0 like the CXD2586R.
COT2
1
0
0
—
1
0
STZC
HPTZC
COUT
COT1
COUT pin output
∗: preset, —: don't care
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com