Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BW Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 68Page - STMicroelectronics STA369BW Datasheet HTML 69Page - STMicroelectronics STA369BW Datasheet HTML 70Page - STMicroelectronics STA369BW Datasheet HTML 71Page - STMicroelectronics STA369BW Datasheet HTML 72Page - STMicroelectronics STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics STA369BW Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
Register description
STA369BW
72/88
Doc ID 022033 Rev 1
7.18
Extended configuration register (addr 0x36)
The extended configuration register provides access to B2DRC and biquad 5, 6 and 7.
7.18.1
Dual-band DRC
The STA369BW device provides a dual-band DRC (B2DRC) on the left and right channels
data path, as depicted in Figure 29. Dual-band DRC is activated by setting MDRC[1:0] = 1x.
Figure 29.
B2DRC scheme
The low-frequency information (LFE) is extracted from left and right channels, removing the
high frequencies using a programmable biquad filter, and then computing the difference with
the original signal. Limiter 1 (DRC1) is then used to control left/right high-frequency
amplitude of the components, while limiter 2 (DRC2) is used to control the low-frequency
components (see Chapter 7.11).
The cutoff frequency of the high-pass filters can be user-defined, XO[3:0] = 0, or selected
from the pre-defined values.
DRC1 and DRC2 are then used to independently limit L/R high frequencies and the
amplitude of the LFE channels (see Chapter 7.11) as well as their volume control. To be
noted that, in this configuration, the dedicated channel 3 volume control can actually act as
a bass boost enhancer as well (0.5 dB/step resolution).
The processed LFE channel is then recombined with the L and R channels in order to
reconstruct the 2.0 output signal.
Sub-band decomposition
The sub-band decomposition for B2DRC can be configured, specifying the cutoff frequency.
The cutoff frequency can be programmed in two ways, using XO bits in register 0x0C, or
using the “user programmable” mode (coefficients stored in RAM addresses 0x28 to 0x31).
D7
D6
D5
D4
D3
D2
D1
D0
Mdrc[1]
Mdrc[0]
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
00
00
00
0
0
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+
AM045194v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com