Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BW Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 78Page - STMicroelectronics STA369BW Datasheet HTML 79Page - STMicroelectronics STA369BW Datasheet HTML 80Page - STMicroelectronics STA369BW Datasheet HTML 81Page - STMicroelectronics STA369BW Datasheet HTML 82Page - STMicroelectronics STA369BW Datasheet HTML 83Page - STMicroelectronics STA369BW Datasheet HTML 84Page - STMicroelectronics STA369BW Datasheet HTML 85Page - STMicroelectronics STA369BW Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
Application
STA369BW
82/88
Doc ID 022033 Rev 1
8
Application
8.1
Application scheme for power supplies
Figure 33 illustrates the typical application scheme for the STA369BW concerning the power
supplies. Particular care must be given to the layout of the PCB. In particular the 3.3 ohm
resistors on the digital supplies (VDD_DIG) have to be put as close as possible to the device
which avoids any unwanted oscillation on the digital portion of the device due to inductive
traces of the PCB. The same rule is also valid for all the decoupling capacitors in order to
limit spikes on all the supplies.
Figure 33.
Application scheme for power supplies
8.2
PLL filter schematic
It is recommended to use the above scheme and values for the PLL loop filter to achieve the
best performances from the device in general applications. Please note that the ground of
this filter scheme has to be connected to the ground of the PLL without any resistive path.
Concerning the component values, please take into account that the greater the filter
bandwidth, the less the lock time, but the higher the PLL output jitter.
8.3
Typical output configuration
Figure 34 shows the typical output configuration used for BTL stereo mode. Please refer to
the application note for all the other recommended schematics of the output configuration.
AM045198v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com