Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1310 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 15Page - STMicroelectronics SPEAR1310 Datasheet HTML 16Page - STMicroelectronics SPEAR1310 Datasheet HTML 17Page - STMicroelectronics SPEAR1310 Datasheet HTML 18Page - STMicroelectronics SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
SPEAr1310
Flexible static memory controller (FSMC)
Doc ID 17528 Rev 4
19/57
10
Flexible static memory controller (FSMC)
The flexible static memory controller (FSMC) is an AHB peripheral that interfaces AHB
masters to a wide variety of memories. A wrapper is designed to contain this IP and a MUX
which selects the appropriate signals to connect to the pads depending on the type of
memory.
10.1
Main features
Support for NAND Flash (8 bit parallel data bus that can be extended up to 32 bits in
specific configurations)
ECC hardware: the NAND Flash controller contains a hardware acceleration block for
error correction code computation, for pages ranging from 256 to 8192
Independent chip select control for each memory bank
Write FIFO: 16 words deep, each word is 32 bits wide
Support for asynchronous NOR Flash (additional signals multiplexed on PL_GPIOs,
address and data on dedicated IOs); 26 bit address bus supported
Support for asynchronous static RAM (signals multiplexed on PL_GPIOs, address and
data on dedicated IOs); 26 bit address bus supported
Support for muxed NOR and SRAM
Independent read/write timings and protocol, allowing matching the widest variety of
memories and timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com