Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1310 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics SPEAR1310 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
SPEAr1310
SATA gen-2 controller
Doc ID 17528 Rev 4
27/57
14
SATA gen-2 controller
The SATA AHCI Core implements the serial advanced technology attachment (SATA)
storage interface for physical storage devices.
14.1
Main features
This functional block supports the following features:
SATA 3.0 Gb/s Gen II
eSATA (external analog logic also needs to support eSATA)
Compliant with the following specifications:
Serial ATA 3.0 (except FIS-based switching)
AHCI Revision 1.3 (except FIS-based switching)
AMBA 3 AXI interfaces
User-defined PHY status and control ports
RX data buffer for recovered clock systems
Data alignment circuitry when RX data buffer is also included
OOB signaling detection and generation
8b/10b encoding/decoding
Asynchronous signal recovery, including retry polling
Digital support of device hot-plugging
Power management features including automatic partial-to-slumber transition
BIST loopback modes
Single SATA deviceInternal DMA engine per port
Hardware-assisted native command queuing for up to 32 entries
Port Multiplier with command-based switching
Disabling RX and TX Data clocks during power down modes
Integrated SATA link layer and transport layer logic
Supports PIO, first party and legacy DMA modes
Supports legacy command queuing
Supports ATA and ATAPI master-only emulation mode (for instance, register and
command compatible with these standards)
Power-down mode
Data scrambling
CRC computation
Automatic data flow control
Far end loop-back re-timed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com