Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1310 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Expansion interface (EXPI)
SPEAr1310
44/57
Doc ID 17528 Rev 4
29
Expansion interface (EXPI)
The auxiliary bidirectional interface (EXPI) is multiplexed with the programmable PL_GPIOs
signals to connect an external component (for instance, emulation FPGA).
SPEAr1310 provides an AHB master (81) and an AHB slave (I) interface that are used by
the EXPI block in order to give access from the external world to the internal resources and
vice versa.
The EXPI is in charge of decoupling outside speed from the internal speed on the bus using
asynchronous bridges taking also care of multiplexing the first 100 PL_GPIO and the 4
PL_CLK between RAS and its functionality.
29.1
Main features
●
Master and slave mode supported
●
Full connectivity between SPEAr1310 IAs and EXPI TA port
●
Configurable internal/external sources for clock and reset
●
Configurable internal source clock operating frequency
●
16 dedicated PL_GPIOs for DMA handshaking.
–
Up to 5 handshaking interfaces with programmable flow control (3 signals):
–
Up to 8 handshaking interface with DMA flow control without TC (2 signals)
●
Handshaking interface programmability
●
Reduced 24 bit addressing mode with translation table
●
8 more signals can be used
–
Other 3 handshaking interfaces with programmable flow control
–
Other 4 handshaking interface with DMA flow control without TC
●
4 interrupt signal from external to SoC
●
1 interrupt signal from SoC to external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com