Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1310 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
SPEAr1310
PCI Express (PCIe)
Doc ID 17528 Rev 4
25/57
13
PCI Express (PCIe)
The PCI Express (PCIe) core incorporates a dual mode (DM) core which can implement a
PCIe interface for a PCIe Root Complex (RC) or Endpoint (EP). The dual mode core can
operate in EP or RC port modes, depending on the value sampled on the core input at
power-on reset. The DM core can be switched between modes at runtime by applying a
power-on reset.
PCI Express is compliant with the PCI Express Base 2.0 specification and supports PHYs
with the PIPE 1.87 or PxPIPE interface specification. As a consequence, it is also compliant
with the PCIe 1.1 specification.
The core features a proprietary user-configurable and high-performance application
interface for generating and receiving PCIe traffic. It is available with standard AMBA 3 AXI
interfaces.
13.1
Main features
Typical applications for a PCI Express device built with the DM core include:
Motherboard components for desktop and mobile computers
Graphics devices
Add-in cards for desktop and mobile computers
Components and add-in cards in server applications
Embedded applications
Data communications equipment
Telecommunications equipment
Storage devices
Wireless devices
Other applications
The DM core in EP mode supports PCI Express Legacy Endpoint devices. However, the
application must ensure that the device obeys the Legacy Endpoint device rules defined in
the PCI Express Base 2.0 specification.
Note:
The core is not intended for use in a root complex integrated endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com