Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1310 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
SPEAr1310
Memory card interface (MCIF)
Doc ID 17528 Rev 4
43/57
CF/CF+ Host controller
CF Specification Revision 4.1 compliance (True IDE Mode only)
Multiword DMA to transfer data between the host and the CF/+ device
Ultra DMA mode for accessing the CF/+ card using the 16-bit data path
PIO timing mode0 through mode6
Multiword DMA timing mode0 through mode4
Ultra DMA timing mode0 through mode6
Data transfers up to 256 (512-byte) blocks
Variable-length data transfer in multiword DMA and Ultra DMA modes
Interrupt-driven data transfers in PIO mode
xD Host controller (Xtreme Digital)
Comfortable erase mechanism
Programmable access timing
Supports Read, Write, Erase, Read device ID, Status and Reset Commands.
Supports ECC Generation and Checking
Supports multiblock programming and multiblock erase.
Supports 1 Gbit, 2 Gbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com