Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
36
11.4 POWER STATE INTERRUPTS
Power State transitions are associated with a number of Interrupt event flags. Transitions to
BACKUP, SLEEP, ON or OFF states are indicated by the Interrupt bits described in Table 4. Each of
these secondary interrupts triggers a primary Power State Interrupt, PS_INT (see Section 23). This
can be masked by setting the mask bit(s) as described in Table 4.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
2
PS_POR_EINT
Power On Reset interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
PS_SLEEP_OFF_EINT
SLEEP or OFF interrupt (Power state
transition to SLEEP or OFF states)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
PS_ON_WAKE_EINT
ON or WAKE interrupt (Power state
transition to ON state)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
2
IM_PS_POR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
1
IM_PS_SLEEP_OFF_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
0
IM_PS_ON_WAKE_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 4 Power State Interrupts
11.5 POWER STATE GPIO INDICATION
The WM8326 can be configured to generate logic signals via GPIO pins to indicate the current Power
State. See Section 21 for details of configuring GPIO pins.
A GPIO pin configured as “ON state” output will be asserted when the WM8326 is in the ON state.
A GPIO pin configured as “SLEEP state” output will be asserted when the WM8326 is in the SLEEP
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com