Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326 Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
100
The maximum voltage that can be measured on the input pins GPIO10, GPIO11 and GPIO12 is
determined by the power domain associated with each; this is selectable on a pin by pin basis using
the GPn_PWR_DOM register bits described in Section 21.3. The input voltage at the GPIO pin must
not exceed the voltage of the respective power domain (ie. DBVDD or PVDD).
In a typical application, it is anticipated that the AUXADC Interrupts would be used to control the
AUXADC readback - the host processor should read the AUXADC Data Register in response to the
AUXADC Interrupt event. See Section 18.5 for details of AUXADC Interrupts. In Automatic AUXADC
mode, the processor should complete this action before the next measurement occurs, in order to
avoid losing any AUXADC samples. In Manual conversion mode, the interrupt signal provides
confirmation that the commanded measurement has been completed.
The control fields associated with initiating AUXADC readback are defined in Table 46.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16429
(402Dh)
AuxADC Data
15:12
AUX_DATA_SRC
[3:0]
000
AUXADC Data Source
1 = GPIO10
2 = GPIO11
3 = GPIO12
5 = Chip Temperature
7 = PVDD voltage
All other values are Reserved
11:0
AUX_DATA [11:0]
000h
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (
C) = (498 - AUX_DATA)
/ 1.09
Table 46 AUXADC Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com