Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
50
Page 0 of the DCRW contains a 128-bit pseudo-random unique ID. The unique ID is written to the
OTP at the time of manufacture. It is copied to the DCRW when the WM8326 schedules an ‘ON’
transition. This data cannot be changed.
Page 1 of the DCRW contains factory-set calibration and configuration data. This data is written to the
OTP at the time of manufacture. It is copied to the DCRW when the WM8326 schedules an ‘ON’
transition. This data cannot be changed.
Page 2 and Page 3 of the DCRW contain bootstrap configuration data. This defines the sequence
and voltage requirements for powering up the WM8326, and for configuring functions such as the
clocks, GPIO1-6 and LED status indicators. Under default conditions, the bootstrap data is loaded
into the DCRW when the WM8326 schedules an ‘ON’ transition. The WM8326 automatically
determines whether to load the bootstrap data from ICE or from OTP as described in Section 14.3.
Page 4 of the DCRW contains a register that is used for ICE validity checking. It is copied to the
DCRW whenever the bootstrap configuration data is loaded from ICE in response to a start-up
request in development mode. This register field enables the ICE data to be checked for valid
content.
The OTP contains 4 pages of data, as illustrated in Figure 18. The contents of the OTP pages
correspond to Pages 0, 1, 2 and 3 of the DCRW register map addresses.
The ICE memory contains 3 pages of data, as illustrated in Figure 18. The contents of the ICE pages
correspond to Pages 2, 3 and 4 of the DCRW register map addresses.
Note that the ICE memory (recommended component) is arranged as 8-bit words in “big-endian”
format, and is therefore addressed as 6 pages of 8-bit data, corresponding to 3 pages of 16-bit data.
For example, the ICE memory address 00h corresponds to bits 15:8 of the first register map word in
DCRW Page 2, and ICE address 01h corresponds to bits 7:0 of that same register word in DCRW.
The DCRW can be accessed directly using the Control Interface in the OFF, ON and SLEEP power
states. Note that Read/Write access to the ICE or OTP memories is not possible directly; these can
only be accessed by copying to/from the DCRW.
In the PROGRAM state, Page 2 and Page 3 of the DCRW can be written to the OTP.
14.3 BOOTSTRAP (START-UP) FUNCTION
Under default conditions, the WM8326 bootstrap configuration data is loaded when the WM8326
schedules an ‘ON’ transition. The bootstrap configuration data is loaded into Page 2 and Page 3 of
the DCRW from either an external ICE or from the integrated OTP. (The factory-set data in Page 0
and Page 1 is always loaded from the integrated OTP memory.)
If Development mode is selected, then the bootstrap data is loaded from the InstantConfig
TM
EEPROM (ICE). If Development mode is not selected, then the bootstrap data is loaded from the
OTP memory.
14.3.1 START-UP FROM OTP MEMORY
In volume production, development mode is not usually selected. In this case, the bootstrap
configuration data is loaded from the internal OTP memory.
The WM8326 performs a check for valid OTP data; if the OTP_CUST_ID field is set to zero, then the
WM8326 remains in the OFF power state. A non-zero OTP_CUST_ID field is used to confirm valid
OTP contents.
The OTP memory contents are defined similarly to Pages 0, 1, 2 and 3 of the DCRW memory
contents listed in Section 14.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com