Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
43
12.3 4-WIRE (SPI) CONTROL MODE
In this mode, the WM8326 registers are accessed using a 4-wire serial control interface. The CS
¯¯ and
SCLK1 pins provide the ‘Chip Select’ and ‘Serial Data Clock’ functions respectively. Serial data input
is supported on the SDA1 pin; serial data output is supported on the SDOUT1 pin.
A control word consists of 32 bits. The first bit is the read/write bit (R/W), which is followed by 15
address bits (A14 to A0) that determine which control register is accessed. The remaining 16 bits
(B15 to B0) are data bits, corresponding to the 16 bits in each control register.
In Write operations (R/W=0), all SDA1 bits are driven by the controlling device. Each rising edge of
SCLK1 clocks in one data bit from the SDA1 pin. A rising edge on CS
¯¯ latches in a complete control
word consisting of the last 32 bits.
In Read operations, the SDA1 pin is ignored following receipt of the valid register address. The data
bits are output by the WM8326 on the SDOUT1 pin. SDOUT1 is undriven (high impedance) when not
outputting register data bits.
The SDOUT1 pin is an Open Drain output; an external pull-up resistor to DBVDD is required on
SDOUT1 in 4-wire (SPI) mode.
The sequence of signals associated with a register write operation is illustrated in Figure 14.
R/W
A14
A13
A12
A2
A1
SDIN
SCLK
CS
15-bit control register address
16-bit control register data
A0
B15
B14
B13
B2
B0
B1
Figure 14 Control Interface 4-wire (SPI) Register Write
The sequence of signals associated with a register read operation is illustrated in Figure 15.
Figure 15 Control Interface 4-wire (SPI) Register Read
12.4 REGISTER LOCKING
Selected registers are protected by a security key. These registers can only be written to when the
appropriate ‘unlock’ code has been written to the Security Key register.
The protected registers include those associated with Reset Control, OTP Programming and RTC
Trim. Other selected functions also include protected registers; the affected registers are identified in
the Register Map definitions throughout the document, and also in Section 29.
To unlock the protected registers, a value of 9716h must be written to the Security register (R16392),
as defined in Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com