Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
57
14.5 OTP / ICE INTERRUPTS
The OTP and ICE memories are associated with two Interrupt event flags.
The OTP_CMD_END_EINT interrupt is set each time an OTP / ICE Command has completed or if
OTP Auto-Program has completed. (See Section 14.4 for a definition of the OTP and ICE
Commands. See Section 14.6.3 for details of the OTP Auto-Program function.)
The OTP_ERR_EINT interrupt is set when an OTP / ICE Error has occurred. The errors detected
include ICE Read Failure, OTP Verify Failure and attempted OTP Write to a page that has been
‘Finalised’.
Each of these secondary interrupts triggers a primary OTP Memory Interrupt, OTP_INT (see
Section 23). This can be masked by setting the mask bit(s) as described in Table 25.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
5
OTP_CMD_END_EINT
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EINT
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
5
IM_OTP_CMD_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_OTP_ERR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 25 OTP Memory Interrupts
14.6 DCRW MEMORY CONTENTS
The DCRW is the ICE/OTP Register Window, as described in Section 14.2. Under normal operating
conditions, this memory area is initialised with data from the integrated OTP or an external ICE
memory. The DCRW memory addresses range from R30720 (7800h) to R30759 (7827h). The
complete register map definition is described in Section 28.
The register fields in the DCRW allow the start-up configuration of the DC-DC Converters, the LDO
Regulators, GPIO pins 1-6 and Status LED outputs to be programmed. The DCRW also provides
control of selected Clocking functions and the Start-Up (SYSOK) voltage threshold.
Most of the DCRW contents are duplicates of control registers that exist in the main register area
below the DCRW addresses. In theses cases, reading or writing to either address will have the same
effect.
Some register fields are defined only in the DCRW area; a detailed description of these fields is
provided in the following sub-sections.
14.6.1 DCRW PAGE 0
Page 0 of the DCRW occupies register addresses R30720 (7800h) to R30727 (7807h). This contains
factory-preset data which is loaded from OTP when an ‘ON’ state transition is scheduled.
Page 0 of the DCRW contains a 128-bit unique ID. Note that these fields are Read-Only in the OTP
and cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com