Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8113 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 6Page - Richtek Technology Corporation RT8113 Datasheet HTML 7Page - Richtek Technology Corporation RT8113 Datasheet HTML 8Page - Richtek Technology Corporation RT8113 Datasheet HTML 9Page - Richtek Technology Corporation RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RT8113
10
DS8113-02 April 2011
www.richtek.com
Typical Operating Characteristics
VID = 0.9V, ILOAD = 1A
Power Off from RT/EN
Time (400
μs/Div)
PGOOD
(2V/Div)
VOUT
(1V/Div)
RT/EN
(2V/Div)
UGATE
(20V/Div)
VID = 0.9V, ILOAD = 1A
Start Up from RT/EN
Time (1ms/Div)
PGOOD
(2V/Div)
VOUT
(1V/Div)
RT/EN
(2V/Div)
UGATE
(20V/Div)
VID from 0.675V up to 1.3V, ILOAD = 16A
Dynamic VID Up
Time (40
μs/Div)
VOUT
(500mV/Div)
VID1
(1V/Div)
VID from 1.3V down to 0.675V, ILOAD = 16A
Dynamic VID Down
Time (40
μs/Div)
VOUT
(500mV/Div)
VID1
(1V/Div)
Load Transient Response
Time (10
μs/Div)
ILOAD
VID = 1.3V, fLOAD = 1kHz, ILOAD = 7A to 20A
->
1.2V
7A
20A
Load Transient Response
Time (10
μs/Div)
ILOAD
VID = 1.3V, fLOAD = 1kHz, ILOAD = 20A to 7A
->
1.2V
7A
20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com