Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8113 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation RT8113 Datasheet HTML 19Page - Richtek Technology Corporation RT8113 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
RT8113
16
DS8113-02 April 2011
www.richtek.com
Output Current Sensing
The RT8113 provides a low input offset current-sense
amplifier (CSA) to monitor the output current. The output
current of CSA (IX) is used for load line control and over-
current protection. In this inductor current sensing
topology, RS and CS must be set according to the equation
below :
Then the output current of CSA will follow the equation
below :
SS
L
= R x C
DCR
(
)
L
OFS-CSA
CSP
S
CSN
X
CSN
I x DCR - V
+ 700n x R
+ R - R
I =
R
Figure 7. Circuit for Current Sensing
L
X
CSN
I x DCR
I =
R
RCSN
RCSP
L
DCR
RS
CS
ISN
ISP
CSA: Current Sense Amplifier
R2
C2
C1
R1
VIN
LGATE
PHASE
UGATE
BOOT
700nA
VOFS_CSA
700nA
+
-
+
-
IX
700nA is a typical value of the CSA input offset current.
VOFS-CSA is the input offset voltage of CSA. VOFS-CSA of
the RT8113 is smaller than +/- 1.5mV. Usually, “VOFS-CSA
+ 700n x (RCSP + RS - RCSN)” is negligible except at very
light load and the equation can be simplified as the equation
below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com