Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8113 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RT8113
14
DS8113-02 April 2011
www.richtek.com
Dynamic VID
The RT8113 can accept VID input changing while the
controller is running. This allows the output voltage (VOUT)
to change while the DC/DC converter is running and
supplying current to the load. This is commonly referred
to as VID on-the-fly (OTF). A VID OTF can occur under
either light or heavy load conditions. The CPU changes
the VID inputs in multiple steps from the start code to the
finish code. This change can be positive or negative.
Theoretically, VOUT should follow VDAC, which is a
staircase waveform, but in real application, the bandwidth
of the converter is finite while the staircase waveform needs
infinite bandwidth to follow. Thus, undesired VOUT overshoot
(when VDAC changes up) or undershoot (when VDAC
changes down) is often observed in these type of designs.
However, for the RT8113, as mentioned before in the
Soft-Start section, VDAC slew rate is limited by ISS2/CSS
when PGOOD = high. This slew rate limiter works as a
low-pass filter of VDAC and makes the bandwidth of VDAC
waveform finite. By smoothening VDAC staircase waveform,
VOUT will no longer overshoot or undershoot. On the other
hand, CSS will increase the settling time of VOUT during
VID OTF. In most cases, a 1nF to 30nF ceramic capacitor
will be suitable for CSS.
FB
OFSN
OFSN
FB
OFS
0.8 x R
V
= I
x R
=
R
Connect a resistor from the OFS pin to VCC5 to activate
IOFSP. IOFSP flows through RFB from the VCCP to the FB
pin. In this case, a positive no-load offset voltage (VOFSP)
is generated.
FB
OFSP
OFSP
FB
OFS
6.4 x R
V
= I
x R
=
R
D1
OUT
SS
D1
D2
OUT
OUT
BOOT
BOOT
SS
D2
D3
t
is the delay time from power on reset state to the beginning of V
rising.
0.7V x C
t
= 1600μs +
16μA
t
is the soft-start time from V
= 0 to V
= V
.
V
x C
t
=
16μA
t
is the
OUT
BOOT
D3
D4
OUT
BOOT
OUT
DAC
DAC
BOOT
D4
D5
D5
dwelling time for V
= V
.
t
800μs.
t
is the soft-start time from V
= V
to V
= V
.
V
- V
x Css
t
16μA
t
is the power good delay time.
t1600μs.
≅
≅
≅
Output Voltage Differential Sensing
The RT8113 uses a high-gain low-offset error amplifier for
differential sensing. The CPU voltage is sensed between
the FB and FBRTN pins. A resistor (RFB) connects the FB
pin with the positive remote sense pin of the CPU (VCCP),
while the FBRTN pin connects directly to the negative
remote sense pin of the CPU (VCCN). The error amplifier
compares VEAP (= VDAC
− VADJ) with the VFB to regulate
the output voltage.
No-Load Offset
In Figure 5, IOFSN and IOFSP are used to generate no-load
offset. Either IOFSN or IOFSP is active during normal
operation. Connect a resistor from OFS pin to GND to
activate IOFSN. IOFSN flows through RFB from the FB pin to
VCCP. In this case, a negative no-load offset voltage (VOFSN)
is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com