Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8113 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation RT8113 Datasheet HTML 19Page - Richtek Technology Corporation RT8113 Datasheet HTML 20Page - Richtek Technology Corporation RT8113 Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
RT8113
19
DS8113-02 April 2011
www.richtek.com
fLC, and place fZ2 at fLC. fP2 is usually placed at fESR to
cancel the ESR zero. And fP3 is placed below switching
frequency to cancel high frequency noise.
For given bandwith, R2, fZ1, fZ2, fP2, fP3, then
Z1
MOD@BW
C
Z2
P2
P3
1
C1 =
2 x f
x R2
G
C3 =
2 x f x R2
1
R1 =
2 x f
x C3
1
R3 =
2 x f
x C3
C1
C2 =
2 x f
x C1 x R2 -1
π
π
π
π
π
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of IC
package, PCB layout, rate of surrounding airflow and
temperature difference between junction to ambient. The
maximum power dissipation can be calculated by following
the formula :
PD(MAX) = (TJ(MAX)
− TA ) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature and
θJAis the junction to ambient
thermal resistance.
For recommended operating conditions specification of
the RT8113, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance
θJA is layout dependent. For
WQFN-24L 4x4 packages, the thermal resistance
θJA is
52
°C/W on the standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (52°C/W) = 1.923W for
WQFN-24L 4x4 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ (MAX) and thermal
resistance
θJA. For RT8113 package, the derating curve
in Figure 11 allows the designer to see the effect of rising
ambient temperature on the maximum power dissipation.
Layout Considerations
For best performance of the RT8113, the following
guidelines must be strictly followed :
The power components should be placed first. Keep
the connection between power components as short as
possible.
The shape of the phase plane (the connection plane
between high side MOSFETs, low-side MOSFETs and
output inductors) has to be as square as possible. Long
traces, thin bars or separated islands must be avoided
in the phase plane.
Keep snubber circuits or damping elements near its
objects. Phase RC snubbers have to be close to low-
side MOSFETs, UGATE damping resistor has to be
close to high-side MOSFETs, and boot to phase damping
resistor has to be close to high-side MOSFETs and
phase plane. Also, keep the traces of these snubber
circuits as short as possible.
The area of VIN plane (power stage 12V VIN) and VOUT
plane (output bulk capacitors and inductor connection
plane) has to be as wide as possible. Long traces or
thin bars must be avoided in these planes. The plane
trace width must be wide enough to carry large input/
output current (40mm/A).
The following traces have to be wide and short : UGATE,
LGATE, BOOT, PHASE, and VCC12. Make sure the
widths of these traces are wide enough to carry large
driving current (at least 40mm).
Figure 11. Derating Curves for RT8113 Package
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
025
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com