Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8113 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation RT8113 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
RT8113
15
DS8113-02 April 2011
www.richtek.com
Figure 5. Circuit for VOUT Differential Sensing and No Load Offset
Load Transient Quick Response
In steady state, the voltage of VFB is controlled to be very
close to VEAP. However While a load step transient from
light load to heavy load could cause VFB to be lower than
VEAP by several tens of mV. In conventional buck converter
design (without non-linear control) for CPU VR application,
due to limited control bandwidth, it is hard for the VR to
prevent VOUT undershoot during quick load transient from
light load to heavy load. Hence, the RT8113 builds in a
state-of-the-art quick response function which detects load
Figure 6. Load Transient Quick Response
VEAP = VDAC - VADJ
VOUT
FB
COMP
RFB
CFB
R1
C1
C2
QR Circuit
IOUT
VOUT
QR
+
-
EA
C2
+-
+
VDAC
-
EAP
COMP
FBRTN
RADJ
ADJ
IOFSP
IOFSP
R1
C1
CFB
RFB
(Positive Remote
Sense Pin of CPU)
VCC_SNS
VSS_SNS
(Negative Remote
Sense Pin of CPU)
FB
+
-
transient by comparing VFB and VEAP. If VFB suddenly
drops below “VEAP
− VQR”where VQR is a predetermined
voltage (~40mV), the quick response indicator QR rises
up. When QR = high, the RT8113 turns on all high side
MOSFETs and turns off all low side MOSFETs. The
sensitivity of quick response can be adjusted by varying
the values of CFB and RFB. Smaller RFB and/or larger CFB
will make QR easier to be triggered. Figure 6 is the circuit
and typical waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com