Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L6480 Datasheet HTML 65Page - STMicroelectronics L6480 Datasheet HTML 66Page - STMicroelectronics L6480 Datasheet HTML 67Page - STMicroelectronics L6480 Datasheet HTML 68Page - STMicroelectronics L6480 Datasheet HTML 69Page - STMicroelectronics L6480 Datasheet HTML 70Page - STMicroelectronics L6480 Datasheet HTML 71Page - STMicroelectronics L6480 Datasheet HTML 72Page - STMicroelectronics L6480 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Package mechanical data
L6480
70/73
Doc ID 023278 Rev 3
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 24.
HTSSOP38 package dimensions
Table 68.
HTSSOP38 mechanical data
Symbol
mm
Min.
Typ.
Max.
A-
1.1
A1
0.05
-
0.15
A2
0.85
0.9
0.95
b0.17
-
0.27
c0.09
-
0.20
D
9.60
9.70
9.80
E1
4.30
4.40
4.50
e-
0.50
-
E-
6.40
-
L
0.50
0.60
0.70
P
6.40
6.50
6.60
P1
3.10
3.20
3.30
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com