Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6480 Datasheet HTML 44Page - STMicroelectronics L6480 Datasheet HTML 45Page - STMicroelectronics L6480 Datasheet HTML 46Page - STMicroelectronics L6480 Datasheet HTML 47Page - STMicroelectronics L6480 Datasheet HTML 48Page - STMicroelectronics L6480 Datasheet HTML 49Page - STMicroelectronics L6480 Datasheet HTML 50Page - STMicroelectronics L6480 Datasheet HTML 51Page - STMicroelectronics L6480 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Programming manual
L6480
48/73
Doc ID 023278 Rev 3
9.1.14
FN_SLP_DEC
The FN_SLP_DEC register contains the BEMF compensation curve slope that is used when
the speed is greater than the intersect speed during deceleration (Section 7.4 for details). Its
value is expressed in s/step and the available range is from 0 to 0.004 with a resolution of
0.000015.
When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF
compensation is performed.
Any attempt to write the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (Section 9.1.24).
9.1.15
K_THERM
The K_THERM register contains the value used by the winding resistance thermal drift
compensation system (Section 7.6).
The available range is from 1 to 1.46875 with a resolution of 0.03125, as shown in Table 16.
9.1.16
ADC_OUT
The ADC_OUT register contains the result of the analog to digital conversion of the ADCIN
pin voltage; the result is available even if the supply voltage compensation is disabled.
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD flag to rise (Section 9.1.24).
Table 16.
Winding resistance thermal drift compensation coefficient
K_THERM [3..0]
Compensation coefficient
00
00
1
0
0
0
1
1.03125
11
10
1.4375
1
1
1
1
1.46875
Table 17.
ADC_OUT value and motor supply voltage compensation feature
VS
VADCIN / VREG
ADC_OUT
[4..0]
Compensation
coefficient
Greater than VS,nom + 50%
> 24/32
1
1
X
X
X
0.65625
VS,nom + 50%
24/32
1
1000
0.65625
VS,nom
16/32
1
0000
1
VS,nom – 50%
8/32
0
1000
1.968875
Lower than VS,nom – 50%
< 8/32
0
0
X
X
X
1.968875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com