Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6480 Datasheet HTML 32Page - STMicroelectronics L6480 Datasheet HTML 33Page - STMicroelectronics L6480 Datasheet HTML 34Page - STMicroelectronics L6480 Datasheet HTML 35Page - STMicroelectronics L6480 Datasheet HTML 36Page - STMicroelectronics L6480 Datasheet HTML 37Page - STMicroelectronics L6480 Datasheet HTML 38Page - STMicroelectronics L6480 Datasheet HTML 39Page - STMicroelectronics L6480 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Phase current control
L6480
36/73
Doc ID 023278 Rev 3
'N' is the integer division factor and 'm' is the multiplication factor. 'N' and 'm' values can be
programmed by F_PWM_INT and F_PWM_DEC parameters in the CONFIG register (see
Table 38 and Table 39, Section 9.1.23).
Available PWM frequencies are listed in Section 9.1.23 from Table 40 to Table 43.
7.2
Sensorless stall detection
The L6480 is able to detect a motor stall caused by an excessive load torque. When the
motor is driven using the voltage mode approach, a stall condition corresponds to an
unexpected increase of the phase current. Imposing a current threshold slightly above the
operative current, it is possible to detect the stall condition without speed or position
sensors.
The L6480 measures the load current of each phase sensing the VDS voltage of the low-
side Power MOSFETs. When any of the VDS voltages rise over the programmed threshold,
the STEP_LOSS_X flag in the STATUS register of the respective bridge (STEP_LOSS_A or
STEP_LOSS_B) is forced low. The failure flag is kept low until the VDS voltages fall below
the programmed threshold and a GetStatus command is sent to the device (Section 9.1.24
and Section 9.2.20).
The stall detection threshold can be programmed in one of 32 available values ranging from
31.25 mV to 1 V with steps of 31.25 mV (see Section 9.1.18).
Stall detection comparators are disabled, in order to avoid wrong voltage measurements, in
the following cases:
The respective half-bridge is in high impedance state (both gates forced off)
The respective half-bridge is commutating
The respective half-bridge is commutated and the programmed blanking time has not
yet elapsed
The respective low-side gate is turned off.
7.3
Low speed optimization
When the motor is driven at a very low speed using a small driving voltage, the resulting
phase current can be distorted. As a consequence, the motor position is different from the
ideal one (see Figure 16).
The device implements a low speed optimization in order to remove this effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com