Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6480 Datasheet HTML 17Page - STMicroelectronics L6480 Datasheet HTML 18Page - STMicroelectronics L6480 Datasheet HTML 19Page - STMicroelectronics L6480 Datasheet HTML 20Page - STMicroelectronics L6480 Datasheet HTML 21Page - STMicroelectronics L6480 Datasheet HTML 22Page - STMicroelectronics L6480 Datasheet HTML 23Page - STMicroelectronics L6480 Datasheet HTML 24Page - STMicroelectronics L6480 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
L6480
Functional description
Doc ID 023278 Rev 3
21/73
6.4.1
Automatic Full-step and Boost modes
When motor speed is greater than a programmable full-step speed threshold, the L6480
switches automatically to Full-step mode; the driving mode returns to microstepping when
motor speed decreases below the full-step speed threshold.
The switching between the microstepping and Full-step mode and vice-versa is always
performed at an electrical position multiple of
π/4 (Figure 6 and Figure 7).
Full-step speed threshold is set through the related parameter in the FS_SPD register
(Section 9.1.9).
When the BOOST_MODE bit of the FS_SPD register is low (default), the amplitude of the
voltage squarewave in Full-step mode is equal to the peak of the voltage sinewave multiplied
by sine(
π/4) (Figure 6). This avoids the current drop between the two driving modes.
When the BOOST_MODE bit of the FS_SPD register is high, the amplitude of the voltage
squarewave in Full-step mode is equal to the peak of the voltage sinewave (Figure 7). That
improves the output current increasing the maximum motor torque.
Figure 6.
Automatic Full-step switching in Normal mode
Phase A
Phase B
(2N+1) x
π /4
(2N+1) x
π /4
Full-Step
Microstepping
Microstepping
V
peak
sin(
π /4)x V
peak
AM12829v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com