Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6480 Datasheet HTML 29Page - STMicroelectronics L6480 Datasheet HTML 30Page - STMicroelectronics L6480 Datasheet HTML 31Page - STMicroelectronics L6480 Datasheet HTML 32Page - STMicroelectronics L6480 Datasheet HTML 33Page - STMicroelectronics L6480 Datasheet HTML 34Page - STMicroelectronics L6480 Datasheet HTML 35Page - STMicroelectronics L6480 Datasheet HTML 36Page - STMicroelectronics L6480 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
L6480
Functional description
Doc ID 023278 Rev 3
33/73
The ADC_OUT value can be used for motor supply voltage compensation or can be at the
user’s disposal.
6.18
Supply management and internal voltage regulators
The L6480 integrates two linear voltage regulators: the first one can be used to obtain gate
driver supply starting from a higher voltage (e.g. the motor supply one). Its output voltage
can be set to 7.5 V or 15 V according to the VCCVAL bit value (CONFIG register). The
second linear voltage regulator can be used to obtain the 3.3 V logic supply voltage.
The regolator is designed to supply the internal circuitry of the IC and should not be used to
supply external components.
The input and output voltages of both regulators are connected to external pins and the
regulators are totally independent: in this way a very flexible supply management can be
performed using external components or external supply voltages (Figure 15).
Figure 15.
Device supply pin management
If VCC is externally supplied, the VSREG and VCC pins must be shorted (VSREG must be
compliant with VCC range).
If VREG is externally supplied, the VCCREG and VREG pins must be shorted and equal to
3.3 V.
VSREG must be always less than VBOOT in order to avoid related ESD protection diode turn-
on. The device can be protected from this event by adding an external low drop diode
between the VSREG and VS pins, charge pump diodes should be low drop too.
VCCREG must be always less than VCC in order to avoid ESD protection diode turn-on. The
device can be protected from this event by adding an external low drop diode between the
VCCREG and VSREG pins.
Both regulators provide a short circuit protection limiting the load current within the
respective maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com