Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP02 Datasheet(PDF) 4 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 4 Page - Analog Devices

  AD28MSP02 Datasheet HTML 1Page - Analog Devices AD28MSP02 Datasheet HTML 2Page - Analog Devices AD28MSP02 Datasheet HTML 3Page - Analog Devices AD28MSP02 Datasheet HTML 4Page - Analog Devices AD28MSP02 Datasheet HTML 5Page - Analog Devices AD28MSP02 Datasheet HTML 6Page - Analog Devices AD28MSP02 Datasheet HTML 7Page - Analog Devices AD28MSP02 Datasheet HTML 8Page - Analog Devices AD28MSP02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD28msp02
REV. 0
–4–
The IIR low-pass filter is a 10th-order elliptic filter with a pass-
band edge at 3.70 kHz and a stopband attenuation of 65 dB at
4 kHz. This filter has the following specifications:
Filter type:
l0th-order low-pass elliptic IIR
Sample frequency:
40.0 kHz
Passband cutoff:*
3.70 kHz
Passband ripple:
±0.2 dB
Stopband cutoff:
4.0 kHz
Stopband ripple:
–65.00 dB
*The passband cutoff frequency is defined to be the last point in the passband
that meets the passband ripple specification.
(Note that these specifications apply only to this filter, and not to the entire
DAC. The specifications can be used to perform further analysis of the exact
characteristics of the filter, for example using a digital filter design software
package.)
Figure 2 shows the frequency response of the IIR low-pass filter.
Passband ripple is
±0.2 dB for the combined effects of the
DAC’s digital filters (i.e., high-pass filter and IIR low pass of the
interpolation filter) in the 300 Hz–3400 Hz passband.
Analog Smoothing Filter and Programmable Gain Amplifier
The programmable gain amplifier (PGA) can be used to adjust
the output signal level by –15 dB to +6 dB. This gain is selected
by bits 7–9 (OG0, OG1, OG2) of the AD28msp02’s control
register.
The AD28msp02’s analog smoothing filter consists of a 2nd-
order Sallen-Key continuous-time filter and a 3rd-order
switched capacitor filter. The Sallen-Key filter has a 3 dB point
at approximately 80 kHz.
Differential Output Amplifier
The AD28msp02’s analog output (VOUTP, VOUTN) is pro-
duced by a differential output amplifier. The differential ampli-
fier can drive loads of 2 k
Ω or greater and has a maximum
differential output voltage swing of
±3.156 V peak-to-peak
(3.17 dBm0). The output signal is dc-biased to the
AD28msp02’s on-chip voltage reference (VREF) and can be
ac-coupled directly to a load or dc-coupled to an external ampli-
fier. Refer to “Analog Output” in the “Design Considerations”
section of this data sheet for more information.
The VOUTP–VOUTN outputs must be used as differential out-
puts; do not use either as a single-ended output.
SERIAL PORT
The AD28msp02 communicates with a host processor via the
bidirectional synchronous serial port (SPORT). The SPORT is
used to transmit and receive digital data and control information.
All serial transfers are 16 bits long, MSB first. Data bits are
transferred at the serial clock rate (SCLK). SCLK equals the
master clock frequency divided by 5. SCLK = 2.6 MHz for the
master clock frequency MCLK = 13.0 MHz.
Host Processor Interface
The AD28msp02-to-host processor interface is shown in Figure 4.
AD28msp02
SDO
SERIAL DATA RECEIVE
SDOFS
RECEIVE FRAME SYNC
SCLK
SERIAL CLOCK
SDI
SERIAL DATA TRANSMIT
SDIFS
TRANSMIT FRAME SYNC
Host Processor
DATA/CNTRL
FLAG
Figure 4. AD28msp02-to-Host Processor Interface
Table I describes the SPORT signals and how they are used to
communicate with the host processor. The AD28msp02’s chip
select (CS) must be held high to enable SPORT operation. CS
can be used to 3-state the SPORT pins and disable communica-
tion with the host processor.
To use the ADSP-2101 or ADSP-2111 as host DSP processor
for the AD28msp02, the following connections can be used (as
shown in Figure 5):
AD28msp02 Pin
ADSP-2101/2111 Pin
SCLK
–
SCLK0
SDO
–
DR0
SDOFS
–
RFS0
SDI
–
DT0
SDIFS
–
TFS0
DATA/CNTRL
–
FO (Flag Output)
Table I. SPORT Signals
Signal
Signal State When
Signal State During
Name
Description
Generated By
RESET
Low (CS High)
Powerdown (CS High)
SCLK
Serial clock
AD28msp02
Low
Active
SDO
Serial data output
AD28msp02
Low
Active*
SDOFS
Serial data output frame sync
AD28msp02
Low
Low
SDI
Serial data input
Host Processor
—
—
SDIFS
Serial data input frame sync
Host Processor
—
—
(CS must be held high to enable SPORT operation.)
*Outputs last data value that was valid prior to entering powerdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com