Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP02 Datasheet(PDF) 14 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 10Page - Analog Devices AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices AD28MSP02 Datasheet HTML 16Page - Analog Devices AD28MSP02 Datasheet HTML 17Page - Analog Devices AD28MSP02 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD28msp02
REV. 0
–14–
Serial Ports
Parameter
Min
Max
Unit
Timing Requirements:
tSCS
SDI/SDIFS Setup before SCLK Low
10
ns
tSCH
SDI/SDIFS Hold after SCLK Low
10
ns
tDCS
DATA/CNTRL Setup before SCLK Low
10
ns
tDCH
DATA/CNTRL Hold after SCLK Low
10
ns
Switching Characteristic:
tRD
SDOFS Delay from SCLK High
15
ns
tRH
SDOFS Hold after SCLK High
0
ns
tSCDH
SDO Hold after SCLK High
0
ns
tSCDD
SDO Delay from SCLK High
30
ns
SCLK
SDIFS
DATA/CNTRL
SDI
t SCK
t
SCS
tSCH
t
DCS
tDCH
t SCH
MSB
2ND MSB
3RD MSB
t SCS
SDOFS
t RD
t RH
tSCDD
t SCDH
SDO
Figure 14. Serial Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com