Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP02 Datasheet(PDF) 8 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 4Page - Analog Devices AD28MSP02 Datasheet HTML 5Page - Analog Devices AD28MSP02 Datasheet HTML 6Page - Analog Devices AD28MSP02 Datasheet HTML 7Page - Analog Devices AD28MSP02 Datasheet HTML 8Page - Analog Devices AD28MSP02 Datasheet HTML 9Page - Analog Devices AD28MSP02 Datasheet HTML 10Page - Analog Devices AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD28msp02
REV. 0
–8–
To select values for the components shown in Figure 7, use the
following equations:
Gain
=
R
FB
R
IN
C
IN =
1
60
π R
IN
C
FB =
1
(2
π)(20 ×10
3
) R
FB
10 k
Ω ≤ R
FB, RIN
≤ 50 kΩ
150 pF
≤ C
FB
≤ 600 pF
Figure 8 shows an example of a typical input circuit configured
for 0 dB gain. The circuit’s diodes are used to prevent the input
signal from exceeding maximum limits.
1.0µF
330pF
INPUT
SIGNAL
VCC
GNDA
MUX
VOLTAGE
REFERENCE
VFBAUX
VINAUX
AD28msp02
20k
Ω
10kΩ
10k
Ω
VFBNORM
VINNORM
Figure 8. Example Analog Input Circuit for 0 dB Gain
Analog Output
The AD28msp02’s differential analog output (VOUTP, VOUTN)
is produced by an on-chip differential amplifier. The differential
amplifier can drive a minimum load of 2 k
Ω (R
L
≥ 2 kΩ) and
has a maximum differential output voltage swing of
±3.156 V
peak-to-peak (3.17 dBm0). The differential output can be
ac-coupled directly to a load or dc-coupled to an external
amplifier.
Figure 9 shows a simple circuit providing a differential output
with ac coupling. The capacitor of this circuit (COUT) is
optional; if used, its value can be chosen as follows:
C
OUT =
1
(60
π) R
L
C OUT
C OUT
VOUTP
VOUT N
R L
AD28msp02
Figure 9. Example Circuit for Differential Output
The VOUTP–VOUTN outputs must be used as differential out-
puts; do not use either as a single-ended output. Figure 10
shows an example circuit which can be used to convert the dif-
ferential output to a single-ended output. The circuit uses a
differential-to-single-ended amplifier, the Analog Devices
SSM2141.
SSM2141
1
5
7
4
+12 V
0.1
µF
0.1
µF
–12 V
V
OUT
AD28msp02
VOUTP
VOUTN
GNDA
GNDA
GNDA
Figure 10. Example Circuit for Single-Ended Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com