Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP02 Datasheet(PDF) 15 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices AD28MSP02 Datasheet HTML 16Page - Analog Devices AD28MSP02 Datasheet HTML 17Page - Analog Devices AD28MSP02 Datasheet HTML 18Page - Analog Devices AD28MSP02 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD28msp02
REV. 0
–15–
DIGITAL TEST CONDITIONS
3.0V
1.5V
0.0V
2.0V
1.5V
0.8V
DIGITAL INPUT
DIGITAL OUTPUT
Figure 15. Voltage Reference Levels for AC Measurements
TO DIGITAL
OUTPUT PIN
50pF
+1.5V
I
OH
I
OL
Figure 16. Equivalent Device Loading for AC
Measurements (Includes All Fixtures)
GAIN
Parameter
Min
Typ
Max
Unit
Test Conditions
ADC Absolute Gain
–0.2
0
0.2
dBm0
1.0 kHz, 0 dBm0
ADC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 to –50 dBm0
DAC Absolute Gain
–0.2
0
0.2
dBm0
1.0 kHz, 0 dBm0
DAC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 to –50 dBm0
FREQUENCY RESPONSE
Input Freq
Min Output
Max Output
(Hz)
(dB)
(dB)
0–
∞
–25
100
–
∞
–25
150
–0.3
+0.3
200
–0.3
+0.3
300
–0.2
+0.2
1000
–0.2
+0.2
2000
–0.2
+0.2
3000
–0.2
+0.2
3400
–0.2
+0.2
3700
–0.3
+0.3
4000
–
∞
–60
>4000
–
∞
–60
Frequency responses of ADC and DAC measured with input at audio reference
level (the input level that produces an output level of –10 dBm0), with 20 dB
preamplifier bypassed and input gain of 0 dB. The in-band ripple shall not ex-
ceed 0.2 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com