Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP02 Datasheet(PDF) 11 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 7Page - Analog Devices AD28MSP02 Datasheet HTML 8Page - Analog Devices AD28MSP02 Datasheet HTML 9Page - Analog Devices AD28MSP02 Datasheet HTML 10Page - Analog Devices AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD28msp02
REV. 0
–11–
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
K Grade
B Grade
Parameter
Min
Max
Min
Max
Unit
VDD, VCC
Supply Voltage
4.50
5.50
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
–40
+85
°C
Refer to Environmental Conditions for information on case temperature and thermal specifications.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range (Ambient) . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –55
°C to +150°C
Lead Temperature (5 sec) SOIC . . . . . . . . . . . . . . . . . +280
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ESD SENSITIVITY
The AD28msp02 features proprietary input protection circuitry to dissipate high-energy discharges
(Human Body Model). Per method 3015 of MIL-STD-883C, the AD28msp02 has been classified as
a Class 1 device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges readily accumulate on the human body and test equipment and discharge without
detection. Unused devices must be stored in conductive foam or shunts, and the foam should be
discharged to the destination socket before devices are removed.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com