Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006BASA/V+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15006BASA/V+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA/V+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15006BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
Maxim Integrated
11
MAX15006/MAX15007
Example 2 (TDFN Package):
TA = +85°C
VIN = 14V
VOUT = 5V
Calculate the maximum allowable package dissipation
at the given temperature as follows:
Then determine the maximum output current:
Example 3 (TDFN Package):
TA = +50°C
VIN = 9V
VOUT = 5V
Calculate the maximum allowable package dissipation
at the given temperature as follows:
PD = 1.9048W
Find the maximum output current:
In Examples 2 and 3, the maximum output current is
calculated as 172mA and 476mA, respectively; howev-
er, the allowable output current cannot exceed 50mA.
Alternately, use Figures 6a and 6b to quickly determine
the maximum allowable output current for selected
ambient temperatures and input voltages.
Output-Capacitor Selection
and Regulator Stability
For stable operation over the full temperature range
and with load currents up to 50mA, use a low-ESR
2.2μF (min) ceramic or tantalum output capacitor. Use
larger output-capacitor values such as 22μF to reduce
noise, improve load-transient response, and power-
supply rejection.
Some ceramic dielectrics exhibit large capacitance and
ESR variations with temperature. Ensure the minimum
capacitance under worst-case conditions does not
drop below 1.3μF to ensure output stability. With an
X7R dielectric, 2.2μF should be sufficient at all operat-
ing temperatures.
I
1.9048W
9V
5V
476mA
OUT(MAX)
(
=
−
=⇒IOUT MAX)) = 50mA
I
1.5478W
14V
5V
172mA
OUT(MAX)
(
=
−
=⇒IOUT MAXX
mA
) = 50
P
1.9048W
0.0238
W
C
85 C
70 C
1.
D =−
°
°−
°
()= 55478W
VIN (V)
35
30
20
25
10
15
5
5
10
15
20
25
30
35
40
45
50
55
60
0
040
TA = +85
°C
TA = +70
°C
TA = +125
°C
VOUT = 5V
6-PIN TDFN
Figure 6a. Calculated Maximum Output Current vs. Input
Voltage (6-Pin TDFN-EP)
VIN (V)
35
30
20
25
10
15
5
5
10
15
20
25
30
35
40
45
50
55
60
0
040
TA = +85
°C
TA = +70
°C
TA = +125
°C
VOUT = 5V
8-PIN SO-EP
Figure 6b. Calculated Maximum Output Current vs. Input
Voltage (8-Pin SO-EP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com