Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006BASA/V+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15006BASA/V+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA/V+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15006BASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
2
Maxim Integrated
MAX15006/MAX15007
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V, IOUT = 1mA, CIN = 0.1µF, COUT = 2.2µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical specifications are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
IN to GND ...............................................................-0.3V to +45V
EN to GND..............................................................-0.3V to +45V
OUT, FB to GND.....................................................-0.3V to +12V
OUT Short-Circuit Duration ........................................Continuous
Maximum Current Into Any Pin (except IN and OUT) ......±50mA
Continuous Power Dissipation (TA = +70°C)
TDFN (derate 23.8mW/°C above +70°C) ........................1904mW
SO (derate 23.3mW/°C above +70°C)..........................1860mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PACKAGE THERMAL CHARACTERISTICS (Note 1)
TDFN
Junction-to-Ambient Thermal Resistance (
θJA) ...........42°C/W
Junction-to-Case Thermal Resistance (
θJC) ...............8.5°C/W
SO
Junction-to-Ambient Thermal Resistance (
θJA) ...........43°C/W
Junction-to-Case Thermal Resistance (
θJC) ..................7°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
4
40
V
IOUT = 0A (MAX15006A/B/D)
10
17
IOUT = 0A (MAX15006C)
8
15
IOUT = 0A (MAX15007A/B)
11
18
IOUT = 0A (MAX15007C)
9
16
IOUT = 100μA
(MAX15006A/B/D)
10.5
18
IOUT = 100μA (MAX15006C)
8.5
16
IOUT = 100μA (MAX15007A/B)
11.5
19
IOUT = 100μA (MAX15007C)
9.5
17
IOUT = 1mA (MAX15006A/B/D)
12
20
IOUT = 1mA (MAX15006C)
10
18
IOUT = 1mA (MAX15007A/B)
13
21
IOUT = 1mA (MAX15007C)
11
19
IOUT = 50mA (MAX15006)
90
150
IOUT = 50mA (MAX15007)
93
150
Ground Current
IGND
Regulator on,
measured at GND
IOUT = 60mA (MAX15006D)
110
150
μA
Shutdown Supply Current
ISHDN
Regulator off (MAX15007 only)
3
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com