Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006BASA/V+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX15006BASA/V+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA/V+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15006BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
Maxim Integrated
13
MAX15006/MAX15007
Ordering Information (continued)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX15006BASA+
-40°C to +125°C 8 SO-EP*
—
MAX15006BASA/V+
-40°C to +125°C 8 SO-EP*
—
MAX15006BATT+
-40°C to +125°C 6 TDFN-EP*
APF
MAX15006BATT/V+
-40°C to +125°C 6 TDFN-EP*
AUN
MAX15006CATT+
-40°C to +125°C 6 TDFN-EP*
API
MAX15006CATT/V+
-40°C to +125°C 6 TDFN-EP*
AVA
MAX15006DATT/V+
-40°C to +125°C 6 TDFN-EP*
AVL
MAX15007AASA+
-40°C to +125°C 8 SO-EP*
—
MAX15007AATT+
-40°C to +125°C 6 TDFN-EP*
APG
MAX15007BASA+
-40°C to +125°C 8 SO-EP*
—
MAX15007BATT+
-40°C to +125°C 6 TDFN-EP*
APH
MAX15007BATT/V+
-40°C to +125°C 6 TDFN-EP*
AVK
MAX15007CATT+
-40°C to +125°C 6 TDFN-EP*
APJ
MAX15007CATT/V+
-40°C to +125°C 6 TDFN-EP*
AUU
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 TDFN-EP
T633+2
21-0137
90-0058
8 SO-EP
S8E+12
21-0111
90-0150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com