Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006BASA/V+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15006BASA/V+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA/V+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15006BASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
GROUND CURRENT DISTRIBUTION
(TA = -40
°C)
IGND (
μA)
10.9
10.8
10.7
10.6
10.5
3
6
9
12
15
18
21
24
27
0
10.4
11.0
MAX15007, IOUT = 0
50 UNITS TESTED
GROUND CURRENT DISTRIBUTION
(TA = +25
°C)
IGND (
μA)
11.3
11.2
11.1
11.0
10.9
3
6
9
12
15
18
21
24
27
0
10.8
11.4
MAX15007, IOUT = 0
50 UNITS TESTED
GROUND CURRENT DISTRIBUTION
(TA = +125
°C)
IGND (
μA)
12.0
11.9
11.8
11.7
3
6
9
12
15
18
21
24
27
0
11.6
12.1
MAX15007, IOUT = 0
50 UNITS TESTED
LOAD-TRANSIENT RESPONSE
(MAX15006B/MAX15007B)
MAX15006 toc13
400
μs/div
VOUT
AC-COUPLED
200mV/div
50mA
IOUT
1mA
INPUT-VOLTAGE STEP RESPONSE
(MAX15006B/MAX15007B, IOUT = 1mA)
MAX15006 toc14
400
μs/div
18V
VIN
14V
VOUT
AC-COUPLED
100mV/div
STARTUP RESPONSE
MAX15006 toc15
200
μs/div
VIN
5V/div
VOUT
2V/div
MAX15006B/MAX15007B
IOUT = 1mA
ENABLE STARTUP RESPONSE
MAX15006 toc16
400
μs/div
EN
1V/div
VOUT
2V/div
MAX15006B/MAX15007B
IOUT = 0
ENABLE STARTUP RESPONSE
MAX15006 toc17
400
μs/div
EN
1V/div
VOUT
2V/div
MAX15006B/MAX15007B
IOUT = 50mA
ENABLE STARTUP RESPONSE
MAX15006 toc18
400
μs/div
EN
1V/div
VOUT
2V/div
MAX15006B/MAX15007B
VIN = 40V, IOUT = 0
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1μF, COUT = 2.2μF, VEN = VIN, TA = +25°C, unless otherwise noted.)
Maxim Integrated
5
MAX15006/MAX15007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com