Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006BASA/V+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX15006BASA/V+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA/V+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX15006BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX15006BASA/V+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
12
Maxim Integrated
MAX15006/MAX15007
TOP VIEW
IN
OUT
GND
EN
IN
OUT (FB)
MAX15007A
MAX15007B
MAX15007C
123
654
TDFN
+
+
N.C.
GND
EP
EP
N.C.
( ) FOR MAX15007C ONLY.
1
2
8
7
OUT
N.C. (FB)
N.C.
EN
IN
SO
3
4
6
5
MAX15007A
MAX15007B
MAX15007C
Pin Configurations (continued)
PART
ENABLE INPUT
FIXED OUTPUT
VOLTAGE (V)
ADJUSTABLE OUTPUT
VOLTAGE (V)
PIN-PACKAGE
MAX15006AASA+
—
3.3
—
8 SO-EP
MAX15006AATT+
—
3.3
—
6 TDFN-EP
MAX15006BASA+
—
5
—
8 SO-EP
MAX15006BATT+
—
5
—
6 TDFN-EP
MAX15006CASA+
—
—
ADJ (1.8 to 10)
8 SO-EP
MAX15006CATT+
—
—
ADJ (1.8 to 10)
6 TDFN-EP
MAX15007AASA+
√
3.3
—
8 SO-EP
MAX15007AATT+
√
3.3
—
6 TDFN-EP
MAX15007BASA+
√
5
—
8 SO-EP
MAX15007BATT+
√
5
—
6 TDFN-EP
MAX15007CASA+
√
—
ADJ (1.8 to 10)
8 SO-EP
MAX15007CATT+
√
—
ADJ (1.8 to 10)
6 TDFN-EP
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com