Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 5Page - Analog Devices AD7450ARM Datasheet HTML 6Page - Analog Devices AD7450ARM Datasheet HTML 7Page - Analog Devices AD7450ARM Datasheet HTML 8Page - Analog Devices AD7450ARM Datasheet HTML 9Page - Analog Devices AD7450ARM Datasheet HTML 10Page - Analog Devices AD7450ARM Datasheet HTML 11Page - Analog Devices AD7450ARM Datasheet HTML 12Page - Analog Devices AD7450ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–9–
AD7450
TPC 9 and TPC 10 show the change in DNL versus VREF
for VDD of 5V and 3.3V respectively.
-1
-0.5
0
0.5
1
00.511.5
2
2.5
VREF
Positive DNL
Negative DNL
TPC 9.Change in DNL vs Reference Voltage VDD = 5V
-1
-0.5
0
0.5
1
1.5
0
0.6
1.2
1.8
2.4
VREF
Positive DNL
Negative DNL
TPC 10. Change in DNL vs Reference Voltage VDD = 3.3V*
TPC 11 and TPC 12 show the change in INL versus VREF
for VDD of 5V and 3.3V respectively.
-1.5
-1
-0.5
0
0.5
1
1.5
00.511.522.5
VREF
Positive INL
Negative INL
TPC 11. Change in INL vs Reference Voltage VDD = 5V
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.6
1.2
1.8
2.4
VREF
Positive INL
Negative INL
TPC 12. Change in INL vs Reference Voltage VDD = 3.3V*
*See ‘Reference Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com