Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 16Page - Analog Devices AD7450ARM Datasheet HTML 17Page - Analog Devices AD7450ARM Datasheet HTML 18Page - Analog Devices AD7450ARM Datasheet HTML 19Page - Analog Devices AD7450ARM Datasheet HTML 20Page - Analog Devices AD7450ARM Datasheet HTML 21Page - Analog Devices AD7450ARM Datasheet HTML 22Page - Analog Devices AD7450ARM Datasheet HTML 23Page - Analog Devices AD7450ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–20–
AD7450
quired to change mode, then neither is a dummy cycle
required to place the track and hold into track.
POWER VERSUS THROUGHPUT RATE
By using the power-down mode on the AD7450 when not
converting, the average power consumption of the ADC
decreases at lower throughput rates.
Figure 24 shows
how, as the throughput rate is reduced, the device remains
in its power-down state longer and the average power con-
sumption reduces accordingly.
It shows this for both 5V
and 3V power supplies.
For example, if the AD7450 is operated in continous sam-
pling mode with a throughput rate of 100kSPS and an
SCLK of 18MHz and the device is placed in the power
down mode between conversions, then the power con-
sumption is calculated as follows:
Power dissipation during normal operation = 13mW max
(for VDD = 5V).
If the power up time is 1 dummy cycle i.e. 1µsec, and the
remaining conversion time is another cycle i.e. 1µsec, then
the AD7450 can be said to dissipate 13mW for 2µsec*
during each conversion cycle.
If the throughput rate = 100kSPS then the cycle time =
10µsec and the average power dissipated during each cycle
is:
(2/10) x 13mW = 2.6mW
For the same scenario, if VDD = 3V, the power dissipation
during normal operation is 6mW max.
The AD7450 can now be said to dissipate 6mW for 2µsec*
during each conversion cycle.
The average power dissipated during each cycle with a
throughput rate of 100kSPS is therefore:
(2/10) x 6mW = 1.2mW
This is how the power numbers in Figure 24 are calcu-
lated.
For throughput rates above 320kSPS, it is recommended
that for optimum power performance, the serial clock fre-
quency is reduced.
*This figure assumes a very small time used to enter the power down
mode. This will increase as the burst of clocks used to enter the power
down mode is increased.
0
50
100
150
200
250
300
350
TH ROU GH PU T (kSPS)
VDD = 5V
SCLK = 18M Hz
VDD = 3V
SCLK = 15M Hz
0.01
0.1
1
10
100
Figure 24. AD7450 Power versus Throughput Rate for
Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com