Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 13Page - Analog Devices AD7450ARM Datasheet HTML 14Page - Analog Devices AD7450ARM Datasheet HTML 15Page - Analog Devices AD7450ARM Datasheet HTML 16Page - Analog Devices AD7450ARM Datasheet HTML 17Page - Analog Devices AD7450ARM Datasheet HTML 18Page - Analog Devices AD7450ARM Datasheet HTML 19Page - Analog Devices AD7450ARM Datasheet HTML 20Page - Analog Devices AD7450ARM Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–17–
AD7450
Figure 19. Serial interface Timing Diagram
1
2345
13
16
15
14
t 3
0
0
0
0
DB11
DB10
DB2
DB1
DB0
t 2
4 LEADING ZERO’S
3-STATE
t 4
t 6
t 5
t 7
t
8
t
QUIET
CONVE RT
t
B
CS
SCLK
SDATA
t
1
EXTERNAL
VREF (2.5V)
VIN
0V
+2.5V
-2.5V
0.1µF
VREF
VIN+
AD7450
VIN-
R
R
R
R
0V
+2.5V
+5V
Figure 18. Applying a Bipolar Single Ended Input to the
AD7450
SERIAL INTERFACE
Figure 19 shows a detailed timing diagram for the serial
interface of the AD7450.
The serial clock provides the
conversion clock and also controls the transfer of data
from the AD7450 during conversion.
CS initiates the
conversion process and frames the data transfer.
The fall-
ing edge of
CS puts the track and hold into hold mode
and takes the bus out of three-state.
The analog input is
sampled and the conversion initiated at this point.
The
conversion will require 16 SCLK cycles to complete.
Once 13 SCLK falling edges have occurred, the track and
hold will go back into track on the next SCLK rising edge
as shown at point B in Figure 19.
On the 16th SCLK
falling edge the SDATA line will go back into three-state.
If the rising edge of
CS occurs before 16 SCLKs have
elapsed, the conversion will be terminated
and the SDATA
line will go back into three-state on the 16th SCLK falling
edge. 16 serial clock cycles are required to perform a
conversion and to access data from the AD7450.
CS going
low provides the first leading zero to be read in by the micro-
controller or DSP.
The remaining data is then clocked out
on the subsequent SCLK falling edges beginning with the
second leading zero. Thus the first falling clock edge on the
serial clock provides the second leading zero.
The final bit
in the data transfer is valid on the 16th falling edge, having
been clocked out on the previous (15th) falling edge.
In applications with a slower SCLK, it may be possible to
read in data on each SCLK rising edge i.e. the first rising
edge of SCLK after the
CS falling edge would have the
leading zero provided and the 15th SCLK edge would have
DB0 provided.
Timing Example 1
Having FSCLK = 18MHz and a throughput rate of
1MSPS gives a cycle time of:
1/Throughput = 1/1000000 = 1µs
A cycle consists of:
t2 + 12.5 (1/FSCLK) + tACQ = 1µs.
Therefore if t2 = 10ns then:
10ns + 12.5(1/18MHz) + tACQ = 1µs
tACQ = 296ns
This 296ns satisfies the requirement of 275ns for tACQ.
From Figure 20, tACQ comprises of:
2.5(1/FSCLK) + t8 + tQUIET
where t8 = 45ns. This allows a value of 113ns for tQUIET
satisfying the minimum requirement of 100ns.
Timing Example 2
Having FSCLK = 5MHz and a throughput rate of
315kSPS gives a cycle time of :
1/Throughput = 1/315000 = 3.174µs
A cycle consists of:
t2 + 12.5 (1/FSCLK) + tACQ = 3.174µs.
Therefore if t2 is 10ns then:
10ns + 12.5(1/5MHz) + tACQ = 3.174µs
tACQ = 664ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com