Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 11Page - Analog Devices AD7450ARM Datasheet HTML 12Page - Analog Devices AD7450ARM Datasheet HTML 13Page - Analog Devices AD7450ARM Datasheet HTML 14Page - Analog Devices AD7450ARM Datasheet HTML 15Page - Analog Devices AD7450ARM Datasheet HTML 16Page - Analog Devices AD7450ARM Datasheet HTML 17Page - Analog Devices AD7450ARM Datasheet HTML 18Page - Analog Devices AD7450ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–15–
AD7450
The AD8138 is specified with 3 V, 5 V and ±5 V power
supplies but the best results are obtained when it is supplied
by ±5 V. A lower cost device that could also be used in this
configuration with slight differences in characteristics to the
AD8138 but with similar performance and operation is the
AD8132.
2.5V
3.75V
1.25V
Rs*
Rs*
Rf2
2.5V
3.75V
1.25V
EXTERNAL
VREF (2.5V)
VREF
VIN+
AD7450
VIN-
AD8138
C*
C*
*Moun t as close to the AD7450 as
possible and ensure high
precision Rs and Cs are used
Rs - 10R; C - 1nF;
Rg1=Rf1=Rf2= 499R; Rg2 = 523R
Rf1
Rg1
Vocm
51R
Rg2
.
GND
+2.5V
-2.5V
Figure 14. Using the AD8138 as a Single Ended to Differen-
tial Amplifier
Opamp Pair
An opamp pair can be used to directly couple a differential
signal to the AD7450.
The circuit configurations shown
in figures 15(a) and 15(b) show how a dual opamp can be
used to convert a single ended signal into a differential
signal for both a bipolar and a unipolar input signal re-
spectively.
The voltage applied to point A is the Common Mode
Voltage. In both diagrams, it is connected in some way to
the reference but any value in the common mode range can
be input here to setup the common mode. Examples of
suitable dual opamps that could be used in this configura-
tion to provide differential drive to the AD7450 are the
AD8042, AD8056 and the AD8022.
Care must be taken when chosing the opamp used, as the
selection will depend on the required power supply and the
system performance objectives. The driver circuits in fig-
ures 15(a) and 15(b) are optimized for dc coupling
applications requiring optimum distortion performance.
The differential op-amp driver circuit in figure 15(a) is
configured to convert and level shift a 2.5 V p-p single
ended, ground referenced (bipolar) signal to a 5 V p-p
differential signal centered at the VREF level of the ADC.
The circuit configuration shown in figure 15(b) converts a
unipolar, single ended signal into a differential signal.
GND
VREF P-to-P
27
27
390
220
220
10K
EXTERNAL
VREF
220
VDD
V+
V+
V-
V-
VIN+
VIN- VREF
AD7450
220
20K
.
0.1µF
.
.
A
Figure 15(a). Dual Opamp Circuit to Convert a Single Ended
Bipolar Input into a Differential Input
GND
VREF P-to-P
27
27
390
220
10K
EXTERNAL
VREF
220
VDD
V+
V+
V-
V-
VIN+
VIN- VREF
AD7450
220
.
.
0.1µF
A
VREF/2
Figure 15(b). Dual Opamp Circuit to Convert a Single Ended
Unipolar Input into a Differential Input
RF Transformer
In systems that do not need to be dc-coupled, an RF trans-
former with a center tap offers a good solution for
generating differential inputs. Figure 16 shows how a
transformer is used for single ended to differential conver-
sion. It provides the benefits of operating the ADC in the
differential mode without contributing additional noise
and distortion. An RF transformer also has the benefit of
providing electrical isolation between the signal source
and the ADC. A transformer can be used for most ac ap-
plications. The center tap is used to shift the differential
signal to the common mode level required, in this case it
is connected to the reference so the common mode level is
the value of the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com