Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 14Page - Analog Devices AD7450ARM Datasheet HTML 15Page - Analog Devices AD7450ARM Datasheet HTML 16Page - Analog Devices AD7450ARM Datasheet HTML 17Page - Analog Devices AD7450ARM Datasheet HTML 18Page - Analog Devices AD7450ARM Datasheet HTML 19Page - Analog Devices AD7450ARM Datasheet HTML 20Page - Analog Devices AD7450ARM Datasheet HTML 21Page - Analog Devices AD7450ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–18–
AD7450
Figure 20. Serial Interface Timing example
1
23
4
5
13
16
15
14
t
2
t
6
t
5
t
8
tQUIET
CONVERT
t
B
CS
t
ACQUISITION
12.5(1/fSCLK)
1/Throughput
10ns
SCLK
C
This 664ns satisfies the requirement of 275ns for tACQ.
From Figure 20, tACQ comprises of:
2.5(1/FSCLK) + t8 + tQUIET
where t8 = 45ns. This allows a value of 119ns for tQUIET
satisfying the minimum requirement of 100ns.
As in this example and with other slower clock values, the
signal may already be acquired before the conversion is
complete but it is still necessary to leave 100ns minimum
tQUIET between conversions. In example 2 the signal should
be fully acquired at approximately point C in Figure 20.
MODES OF OPERATION
The mode of operation of the AD7450 is selected by
controlling the logic state of the
CS signal during a
conversion.
There are two possible modes of operation,
Normal Mode and Power-Down Mode. The point at which
CS is pulled high after the conversion has been initiated will
determine whether or not the AD7450 will enter the power-
down mode.
Similarly, if already in power-down,
CS
controls whether the device will return to normal operation
or remain in power-down.
These modes of operation are
designed to provide flexible power management options.
These options can be chosen to optimize the power dissipa-
tion/throughput
rate
ratio
for
differing
application
requirements.
Normal Mode
This mode is intended for fastest throughput rate perfor-
mance.
The user does not have to worry about any
power-up times as the AD7450 is kept fully powered up.
Figure 21 shows the general diagram of the operation of
the AD7450 in this mode. The conversion is initiated on
the falling edge of
CS as described in the ‘Serial Interface
Section’.
To ensure the part remains fully powered up,
CS must remain low until at least 10 SCLK falling edges
have elapsed after the falling edge of
CS.
If
CS is brought high any time after the 10th SCLK fall-
ing edge, but before the 16th SCLK falling edge, the part
will remain powered up but the conversion will be termi-
nated and SDATA will go back into three-state.
Sixteen serial clock cycles are required to complete the
conversion and access the complete conversion result.
CS
may idle high until the next conversion or may idle low
until sometime prior to the next conversion.
Once a data
transfer is complete, i.e. when SDATA has returned to
three-state, another conversion can be initiated after the
quiet time, tQUIET has elapsed by again bringing
CS low.
4 LEADING ZEROS + CONVERSION RESULT
SDATA
10
16
CS
SCLK
1
Figure 21. Normal Mode Operation
Power Down Mode
This mode is intended for use in applications where
slower throughput rates are required; either the ADC is
powered down between each conversion, or a series of
conversions may be performed at a high throughput rate
and the ADC is then powered down for a relatively long
duration between these bursts of several conversions.
When the AD7450 is in the power down mode, all analog
circuitry is powered down.
To enter power down mode,
the conversion process must be interrupted by bringing
CS high anywhere after the second falling edge of SCLK
and before the tenth falling edge of SCLK as shown in
Figure 22.
Once
CS has been brought high in this window of
SCLKs, the part will enter power down and the conver-
sion that was initiated by the falling edge of
CS will be
terminated and SDATA will go back into three-state.
The time from the rising edge of
CS to SDATA three-
state enabled will never be greater than t8 (see the
‘Timing Specifications’).
If
CS is brought high before
the second SCLK falling edge, the part will remain in
normal mode and will not power-down.
This will avoid
accidental power-down due to glitches on the
CS line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com