Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
3
RF Device Data
Freescale Semiconductor
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical DVB--T (8k OFDM) Performance (In Freescale Narrowband Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 1400 mA, f = 860 MHz,
DVB--T (8k OFDM) Single Channel.
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF,
Pout = 125 W Avg.
PAR
—
7.8
—
dB
Load Mismatch
VSWR >65:1 at all Phase Angles, 3 dB Overdrive from
Rated Pout (240 W Avg.)
Ψ
No Degradation in Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com